| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLK2218ZPV bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLK2218ZPV bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 39 page ![]() www.ti.com Receive Data Bus and Clock Signals TLK2218 SLLS734 – FEBRUARY 2007 SIGNAL LOCATION TYPE DESCRIPTION TDHG9 B13 LVCMOS Transmit data channels G and H. When CODE = low, this terminal is the 10th bit of a 10-bit input with word. When CODE = high, this terminal should be left floating or tied low to ground. P/D In independent channel mode, the transmit clock that latches this input is TCLKH. In all other modes, the transmit clock is TCLKB. SIGNAL LOCATION TYPE DESCRIPTION RCLK/RBCH R10 LVCMOS Receive byte clock. In synchronized channel modes (nibble mode or multiplexed channel output mode), RCLK is a buffered version of REFCLK used by the protocol device to latch the received data output on RDBA[9:0], RDDC[9:0], RDFE[9:0] and RDHG[9:0]. With the internal CTC FIFO disabled (only valid for nibble interface mode), this clock is 1/10th the clock recovered from the incoming data stream. If CTC is enabled, this clock is a buffered version of REFCLK. This terminal is internally series-terminated to provide direct connection to a 50- Ω transmission line. RBC[G:A] R9, R8, R7, LVCMOS Individual receive byte clock channels A through G. Recovered clock for channels A R6, R5, R4, output through G. P4 When in independent channel mode, these clocks are used by the protocol device to latch the received data output for channels A through G. Data is aligned to both the rising and falling edges. When in nibble interface mode with the internal CTC FIFO disabled, these terminals are 1/10th the clock recovered from the incoming data stream. If CTC is enabled, these clocks are all buffered versions of REFCLK. When in multiplexed channel mode, the RBCG clock becomes a complementary output to RCLK/RBCH. Similarly, RBCB and RBCA, RBCD and RBCC, RBCF and RBCE are paired clock copies of RCLK/RBCH and RBCG. These terminals are internally series-terminated to provide direct connection to a 50- Ω transmission line. RDBA[7:0] N2, N1, M2, LVCMOS Receive data channels A and B. The parallel data is clocked out of the transceiver on the M1, L2, L1, output rising and falling edges of the receive clock. K2, K1 In multiplexed channel mode, data for channel B is aligned to the rising edge of RCLK and data channel A is aligned to the falling edge of RCLK (see Figure 6 for clarity). In nibble mode, data is output least-significant nibble first, aligned to the falling edge of the receive clock, followed by the most-significant nibble aligned to the rising edge. Channel A is output on RDBA[4] and channel B is output on RDBA[9:5]. When CODE = high, RDBA3 acts as the K-flag bit for channel A on the rising edge of RCLK. These terminals are internally series-terminated to provide direct connection to a 50- Ω transmission line. RDBA8 P1 LVCMOS Receive data/K-flag, channels A and B. The parallel data is clocked out of the transceiver output on the rising and falling edges of the receive clock. In multiplexed channel mode, when CODE = low, this terminal is the 9th bit of a 10-bit word received. When CODE = high, this terminal acts as the K-flag bit. When RDBA8 = high, this terminal indicates that the data on RDBA[7:0] is a K-character. In nibble interface mode, when CODE = low, this terminal is the 4th and 9th bits of a 10-bit word received on channel B. When CODE = high, this terminal acts as the 4th bit on the falling edge and as the K-flag bit on the rising edge for channel B. When RDBA8 = high, this terminal indicates that the data on RDBA[7:0], output on the rising and falling edges of the receive clock, is a K-character. This terminal is internally series-terminated to provide direct connection to a 50- Ω transmission line. RDBA9 P2 LVCMOS Receive data 9, channels A and B. The parallel data is clocked out of the transceiver on output the rising and falling edges of the receive clock. In multiplexed channel mode, when CODE = low, this terminal is the 10th bit of a 10-bit word received. In nibble interface mode, when CODE = low, this terminal is the 5th and 10th bits of a 10-bit word received on channel B. This terminal is internally series-terminated-to provide direct connection to a 50- Ω transmission line. 7 Submit Documentation Feedback |