| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES9822QPRO bảng dữ liệu(PDF) 78 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9822QPRO bảng dữ liệu(HTML) 78 Page - ESS Technology,Inc |
|
78 / 126 page ![]() 0.3 ES9822 PRO Product Datasheet ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM 78 Register 75: GPIO3/4 CONFIG Bits [7:4] [3:0] Default 4'd0 4'd0 Bits Mnemonic Description [7:4] GPIO4_CFG Configure GPIO4 GPIO Function Selection • 4'd0 - Analog outputs off - shutdown (default) • 4'd1 - Aux inputs - input • 4'd2 - Aux outputs - output • 4'd3 - Raw data outputs - output • 4'd4 - Interrupt Ch1 clip - output • 4'd5 - Interrupt Ch2 clip - output • 4'd6 - Reserved • 4'd7 - Reserved • 4'd8 - SPDIF data output - output • 4'd9 - Output PWM1 - output • 4'd10 - Output PWM2 - output • 4'd11 - Output PWM3 - output • 4'd12 - CLK_IADC - output • 4'd13 - CLK_ADC - output • 4'd14 - Output 0 - output • 4'd15 - Output 1 - output [3:0] GPIO3_CFG Configure GPIO3 GPIO Function Selection • 4'd0 - Analog outputs off - shutdown (default) • 4'd1 - Aux inputs - input • 4'd2 - Aux outputs - output • 4'd3 - Raw data outputs - output • 4'd4 - Interrupt Ch1 clip - output • 4'd5 - Interrupt Ch2 clip - output • 4'd6 - Reserved • 4'd7 - Reserved • 4'd8 - SPDIF data output - output • 4'd9 - Output PWM1 - output • 4'd10 - Output PWM2 - output • 4'd11 - Output PWM3 - output • 4'd12 - CLK_IADC - output • 4'd13 - CLK_ADC - output • 4'd14 - Output 0 - output • 4'd15 - Output 1 - output |