| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES9822QPRO bảng dữ liệu(PDF) 26 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9822QPRO bảng dữ liệu(HTML) 26 Page - ESS Technology,Inc |
|
26 / 126 page ![]() 0.3 ES9822 PRO Product Datasheet ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM 26 TDM Master Clock Rate Configurations When using left justified mode (Register 10) remember to enable Reg 33 – sync positive edge of frame to correct for phase differences. MCLK Frequency WS [kHz] BCK [MHz] TDM Mode Chan- nels Register 2 [4:0] SELECT_ADC _NUM Register 9 [6:0] SELECT_I2S_T DM_NUM Register 7 [7:5] MASTER_WS_S CALE Register 8 [7] MASTER_BCK_ DIV1 value divider value divider value divider value divider 22.579 MHz 44.1 5.645 TDM 128 4 5’d3 4 7’d1 2 3’d1 2 1’b0 2 88.2 11.290 4 5’d1 2 7’d0 1 3’d1 2 1’b0 2 176.4 22.579 4 5’d0 1 7’d0 1 3’d0 1 1’b1 1 44.1 11.290 TDM 256 8 5’d3 4 7’d0 1 3’d2 4 1’b0 2 88.2 22.579 8 5’d1 2 7’d0 1 3’d1 2 1’b1 1 44.1 22.579 TDM 512 16 5’d3 4 7’d0 1 3’d2 4 1’b1 1 24.576 MHz 48 6.144 TDM 128 4 5’d3 4 7’d1 2 3’d1 2 1’b0 2 96 12.288 4 5’d1 2 7’d0 1 3’d1 2 1’b0 2 192 24.576 4 5’d0 1 7’d0 1 3’d0 1 1’b1 1 48 12.288 TDM 256 8 5’d3 4 7’d0 1 3’d2 4 1’b0 2 96 24.576 8 5’d1 2 7’d0 1 3’d1 2 1’b1 1 48 24.576 TDM 512 16 5’d3 4 7’d0 1 3’d2 4 1’b1 1 45.158 MHz 44.1 5.645 TDM 128 4 5’d7 8 7’d3 4 3’d1 2 1’b0 2 88.2 11.290 4 5’d3 4 7’d1 2 3’d1 2 1’b0 2 176.4 22.579 4 5’d1 2 7’d0 1 3’d1 2 1’b0 2 44.1 11.290 TDM 256 8 5’d7 8 7’d1 2 3’d2 4 1’b0 2 88.2 22.579 8 5’d3 4 7’d0 1 3’d2 4 1’b0 2 44.1 22.579 TDM 512 16 5’d7 8 7’d0 1 3’d3 8 1’b0 2 49.152 MHz 48 6.144 TDM 128 4 5’d7 8 7’d3 4 3’d1 2 1’b0 2 96 12.288 4 5’d3 4 7’d1 2 3’d1 2 1’b0 2 192 24.576 4 5’d1 2 7’d0 1 3’d1 2 1’b0 2 48 12.288 TDM 256 8 5’d7 8 7’d1 2 3’d2 4 1’b0 2 96 24.576 8 5’d3 4 7’d0 1 3’d2 4 1’b0 2 48 24.576 TDM 512 16 5’d7 8 7’d0 1 3’d3 8 1’b0 2 Table 9 - TDM Master Clock Rate Configurations |