công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES9080 bảng dữ liệu(PDF) 103 Page - ESS Technology,Inc

tên linh kiện ES9080
Giải thích chi tiết về linh kiện  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ESS [ESS Technology,Inc]
Trang chủ  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 bảng dữ liệu(HTML) 103 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 99Page - ESS Technology,Inc ES9080 Datasheet HTML 100Page - ESS Technology,Inc ES9080 Datasheet HTML 101Page - ESS Technology,Inc ES9080 Datasheet HTML 102Page - ESS Technology,Inc ES9080 Datasheet HTML 103Page - ESS Technology,Inc ES9080 Datasheet HTML 104Page - ESS Technology,Inc ES9080 Datasheet HTML 105Page - ESS Technology,Inc ES9080 Datasheet HTML 106Page - ESS Technology,Inc ES9080 Datasheet HTML 107Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
103
ES9080 Product Datasheet
Register 136: DRE ATT EN AND THDR CTRL
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7]
DRE_THDR_CTRL_CH78
Allows DRE to control the THDR when ch7/8 DRE is
engaged.
•
1’b0: DRE does not control THDR(default)
•
1’b1: DRE controls THDR
[6]
DRE_THDR_CTRL_CH56
Allows DRE to control the THDR when ch5/6 DRE is
engaged.
•
1’b0: DRE does not control THDR(default)
•
1’b1: DRE controls THDR
[5]
DRE_THDR_CTRL_CH34
Allows DRE to control the THDR when ch3/4 DRE is
engaged.
•
1’b0: DRE does not control THDR(default)
•
1’b1: DRE controls THDR
[4]
DRE_THDR_CTRL_CH12
Allows DRE to control the THDR when ch1/2 DRE is
engaged.
•
1’b0: DRE does not control THDR(default)
•
1’b1: DRE controls THDR
[3]
DRE_ATT_ENABLE_CH78
Performs digital/analog gain swap when ch7/8 DRE is
engaged.
•
1’b0: DRE controls does not control analog
attenuation (default)
•
1’b1: DRE controls analog attenuation
[2]
DRE_ATT_ENABLE_CH56
Performs digital/analog gain swap when ch5/6 DRE is
engaged.
•
1’b0: DRE controls does not control analog
attenuation (default)
•
1’b1: DRE controls analog attenuation
[1]
DRE_ATT_ENABLE_CH34
Performs digital/analog gain swap when ch3/4 DRE is
engaged.
•
1’b0: DRE controls does not control analog
attenuation (default)
•
1’b1: DRE controls analog attenuation
[0]
DRE_ATT_ENABLE_CH12
Performs digital/analog gain swap when ch1/2 DRE is
engaged.
•
1’b0: DRE controls does not control analog
attenuation (default)
•
1’b1: DRE controls analog attenuation
Register 138-137: RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com