công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES9080 bảng dữ liệu(PDF) 25 Page - ESS Technology,Inc

tên linh kiện ES9080
Giải thích chi tiết về linh kiện  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ESS [ESS Technology,Inc]
Trang chủ  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 bảng dữ liệu(HTML) 25 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 21Page - ESS Technology,Inc ES9080 Datasheet HTML 22Page - ESS Technology,Inc ES9080 Datasheet HTML 23Page - ESS Technology,Inc ES9080 Datasheet HTML 24Page - ESS Technology,Inc ES9080 Datasheet HTML 25Page - ESS Technology,Inc ES9080 Datasheet HTML 26Page - ESS Technology,Inc ES9080 Datasheet HTML 27Page - ESS Technology,Inc ES9080 Datasheet HTML 28Page - ESS Technology,Inc ES9080 Datasheet HTML 29Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
25
ES9080 Product Datasheet
I2S Master Clock Rate Configurations
WS can be scaled down further than shown via Register 79 [6:4] MASTER_WS_SCALE.
When enabling 16-bit mode, the following registers must be modified:
•
Register 81 [7:6] – set TDM bit width to 16
•
Register 78 [4:3] – set master frame length to 16-bits
Table 7 - I2S Master Clock
Rate Configurations
MCLK
Frequency
WS
[kHz]
BCK
[MHz]
Bits
Channels
Register 3
[5:0]
SELECT_IDA
C_NUM
Register 0
[6:0]
SELECT_MENC
_NUM
value
divider
value
divider
22.579
MHz
44.1
2.822
32
2
6’d3
4
7’d3
4
88.2
5.645
2
6’d1
2
7’d1
2
176.4 11.290
2
6’d0
1
7’d0
1
44.1
1.411
16
2
6’d3
4
7’d3
4
88.2
2.822
2
6’d1
2
7’d1
2
176.4 5.645
2
6’d0
1
7’d0
1
24.576
MHz
48
3.072
32
2
6’d3
4
7’d3
4
96
6.144
2
6’d1
2
7’d1
2
192
12.288
2
6’d0
1
7’d0
1
48
1.536
16
2
6’d3
4
7’d3
4
96
3.072
2
6’d1
2
7’d1
2
192
6.144
2
6’d0
1
7’d0
1
45.158
MHz
44.1
2.822
32
2
6’d7
8
7’d7
8
88.2
5.645
2
6’d3
4
7’d3
4
176.4 11.290
2
6’d1
2
7’d1
2
352.8 22.579
2
6’d0
1
7’d0
1
44.1
1.411
16
2
6’d7
8
7’d7
8
88.2
2.822
2
6’d3
4
7’d3
4
176.4 5.645
2
6’d1
2
7’d1
2
352.8 11.290
2
6’d0
1
7’d0
1
49.152
MHz
48
3.072
32
2
6’d7
8
7’d7
8
96
6.144
2
6’d3
4
7’d3
4
192
12.288
2
6’d1
2
7’d1
2
384
24.576
2
6’d0
1
7’d0
1
48
1.536
16
2
6’d7
8
7’d7
8
96
3.072
2
6’d3
4
7’d3
4
192
6.144
2
6’d1
2
7’d1
2
384
12.288
2
6’d0
1
7’d0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More