| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES9080 bảng dữ liệu(PDF) 47 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9080 bảng dữ liệu(HTML) 47 Page - ESS Technology,Inc |
|
47 / 146 page ![]() CONFIDENTIAL ADVANCE INFORMATION 0.4.3 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM 47 ES9080 Product Datasheet Register 2: SYS MODE CONFIG Bits [7:3] [2] [1] [0] Default 5'b00000 1'b0 1'b0 1'b0 Bits Mnemonic Description [7:3] RESERVED NA [2] ENABLE_DOP_DECODE Enables DoP decoding. • 1'b0: Disabled (default) • 1'b1: Enabled [1] ENABLE_DSD_DECODE Enables DSD decoding. • 1'b0: Disabled (default) • 1'b1: Enabled [0] ENABLE_TDM_DECODE Enables TDM decoding. • 1'b0: Disabled (default) • 1'b1: Enabled Register 3: DAC CONFIG Bits [7] [6] [5:0] Default 1'b0 1'b0 6'd0 Bits Mnemonic Description [7] ENABLE_SPDIF_ENCODE Enable S/PDIF Encoding • 1'b0: Disabled (default) • 1'b1: S/PDIF encoding enabled [6] SELECT_IDAC_HALF Specifies whether to half CLK_IDAC divider. • 1'b0: Divide by SELECT_IDAC_NUM + 1 (default) • 1'b1: Divide by half of SELECT_IDAC_NUM + 1 Note: Can only produce half of an odd number divide [5:0] SELECT_IDAC_NUM CLK_IDAC divider. Whole number divide value + 1 for CLK_IDAC (SYS_CLK/divide_value). • 6'd0: Whole number divide value + 1 = 1 (default) • 6'd1: Whole number divide value + 1 = 2 • 6'd63: Whole number divide value + 1 = 64 |