| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES9039MPRO bảng dữ liệu(PDF) 51 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9039MPRO bảng dữ liệu(HTML) 51 Page - ESS Technology,Inc |
|
51 / 95 page ![]() ES9039MPRO & ES9039PRO Datasheet CONFIDENTIAL ADVANCE INFORMATION 0.2.1 51 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM Register 21: INTERRUPT AUTOMUTE CLEAR Bits [7] [6] [5] [4] [3] [2] [1] [0] Default 1'b0 1'b0 1'b0 1'b0 1'b0 1'b0 1'b0 1'b0 Bits Mnemonic Description [7] AUTOMUTE_FLAG_CH8_CLEAR Write a 1'b1 to clear the interrupt [6] AUTOMUTE_FLAG_CH7_CLEAR Write a 1'b1 to clear the interrupt [5] AUTOMUTE_FLAG_CH6_CLEAR Write a 1'b1 to clear the interrupt [4] AUTOMUTE_FLAG_CH5_CLEAR Write a 1'b1 to clear the interrupt [3] AUTOMUTE_FLAG_CH4_CLEAR Write a 1'b1 to clear the interrupt [2] AUTOMUTE_FLAG_CH3_CLEAR Write a 1'b1 to clear the interrupt [1] AUTOMUTE_FLAG_CH2_CLEAR Write a 1'b1 to clear the interrupt [0] AUTOMUTE_FLAG_CH1_CLEAR Write a 1'b1 to clear the interrupt Register 22: INTERRUPT SS FULL RAMP CLEAR Bits [7] [6] [5] [4] [3] [2] [1] [0] Default 1'b0 1'b0 1'b0 1'b0 1'b0 1'b0 1'b0 1'b0 Bits Mnemonic Description [7] SS_FULL_RAMP_CH8_CLEAR Write a 1'b1 to clear the interrupt [6] SS_FULL_RAMP_CH7_CLEAR Write a 1'b1 to clear the interrupt [5] SS_FULL_RAMP_CH6_CLEAR Write a 1'b1 to clear the interrupt [4] SS_FULL_RAMP_CH5_CLEAR Write a 1'b1 to clear the interrupt [3] SS_FULL_RAMP_CH4_CLEAR Write a 1'b1 to clear the interrupt [2] SS_FULL_RAMP_CH3_CLEAR Write a 1'b1 to clear the interrupt [1] SS_FULL_RAMP_CH2_CLEAR Write a 1'b1 to clear the interrupt [0] SS_FULL_RAMP_CH1_CLEAR Write a 1'b1 to clear the interrupt Register 24-23: INTERRUPT CLEAR Bits [15:8] [7:6] [5] [4:2] [1] [0] Default 8'd0 2'b00 1'b0 3'b000 1'b0 1'b0 Bits Mnemonic Description [15:8] RESERVED NA [7:6] INPUT_SELECT_OVERRIDE_CLEAR Write a 1'b1 to clear the interrupt [5] TDM_VALID_EDGE_CLEAR Write a 1'b1 to clear the interrupt [4:2] RESERVED NA [1] BCK_WS_FAIL_CLEAR Write a 1'b1 to clear the interrupt [0] DOP_VALID_CLEAR Write a 1'b1 to clear the interrupt Register 25: RESERVED |