| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES9039MPRO bảng dữ liệu(PDF) 19 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9039MPRO bảng dữ liệu(HTML) 19 Page - ESS Technology,Inc |
|
19 / 95 page ![]() ES9039MPRO & ES9039PRO Datasheet CONFIDENTIAL ADVANCE INFORMATION 0.2.1 19 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM PCM Filter Properties (44.1kHz Sampling) Minimum Phase Parameter Conditions MIN TYP MAX UNIT Pass band –3dB 0.49 x fs Hz Stop band -97dB 0.64 x fs Hz Group Delay 3.29/fs 9.37/fs s Flatness (ripple) 0.0004 dB Linear Phase Apodizing Parameter Conditions MIN TYP MAX UNIT Pass band –3dB 0.44 x fs Hz Stop band -107dB 3.68 x fs Hz Group Delay 33.2/fs s Flatness (ripple) 0.0017 dB Linear Phase Fast Roll-off Parameter Conditions MIN TYP MAX UNIT Pass band –3dB 0.48 x fs Hz Stop band -118dB 1.99 x fs Hz Group Delay 33.8/fs s Flatness (ripple) 0.0023 dB Linear Phase Slow Roll-off Parameter Conditions MIN TYP MAX UNIT Pass band –3dB 0.43 x fs Hz Stop band -84dB 0.74 x fs Hz Group Delay 5.62/fs s Flatness (ripple) 0.002 dB Minimum Phase Fast Roll-off Parameter Conditions MIN TYP MAX UNIT Pass band –3dB 0.48 x fs Hz Stop band -99dB 0.60 x fs Hz Group Delay 3.29/fs 9.51/fs s Flatness (ripple) 0.0016 dB Minimum Phase Slow Roll-off Parameter Conditions MIN TYP MAX UNIT Pass band –3dB 0.43 x fs Hz Stop band -84dB 0.79 x fs Hz Group Delay 2.5/fs 3/fs s Flatness (ripple) 0.0035 dB |