công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPA3003D2PFB bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TPA3003D2PFB
Giải thích chi tiết về linh kiện  3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TPA3003D2PFB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TPA3003D2PFB Datasheet HTML 1Page - Texas Instruments TPA3003D2PFB Datasheet HTML 2Page - Texas Instruments TPA3003D2PFB Datasheet HTML 3Page - Texas Instruments TPA3003D2PFB Datasheet HTML 4Page - Texas Instruments TPA3003D2PFB Datasheet HTML 5Page - Texas Instruments TPA3003D2PFB Datasheet HTML 6Page - Texas Instruments TPA3003D2PFB Datasheet HTML 7Page - Texas Instruments TPA3003D2PFB Datasheet HTML 8Page - Texas Instruments TPA3003D2PFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
3W STEREO CLASSD AUDIO POWER AMPLIFIER
WITH DC VOLUME CONTROL
1
www.ti.com
FEATURES
D 3-W/Ch Into an 8-Ω Load From 12-V Supply
D Efficient, Class-D Operation Eliminates
Heatsinks and Reduces Power Supply
Requirements
D 32-Step DC Volume Control From −40 dB
to 36 dB
D Third Generation Modulation Techniques
− Replaces Large LC Filter With Small
Low-Cost Ferrite Bead Filter
D Thermal and Short-Circuit Protection
APPLICATIONS
D LCD Monitors and TVs
D Powered Speakers
DESCRIPTION
The TPA3003D2 is a 3-W (per channel) efficient,
Class-D audio amplifier for driving bridged-tied stereo
speakers. The TPA3003D2 can drive stereo speakers
as low as 8
Ω. The high efficiency of the TPA3003D2
eliminates the need for external heatsinks when playing
music.
Stereo speaker volume is controlled with a dc voltage
applied to the volume control terminal offering a range
of gain from –40 dB to 36 dB.
Cs
Cs
10 nF
Cbs
Cs
Cs
10 nF
Cbs
PVCC
PVCC
Cs
Cs
10 nF
Cbs
Cs
Cs
10 nF
Cbs
PVCC
PVCC
220 pF
Cosc
Rosc
Ccpl
100 nF
Cvdd
Ccpr
Crinp
Crinn
Clinn
Clinp
LINP
LINN
RINN
RINP
SYSTEM CONTROL
VOLUME
TPA3003D2
VCLAMPR
SD
V2P5
RINP
LINN
LINP
AVDDREF
VREF
AGND
AGND
VOLUME
REFGND
MUTE
NC
NC
NC
AVDD
AGND
COSC
ROSC
AVCC
VCLAMPL
RINN
AVDD
AVCC
C2p5
FADE
10
µF
10
µF
0.1
µF
0.1
µF
1
µF
1
µF
1
µF
1
µF
1
µF
0.1
µF
0.1
µF
10
µF
10
µF
1
µF
120 k
Ω
1
µF
Cs
0.1
µF
Cvcc
10
µF
MUTE CONTROL
SYSTEM CONTROL
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Số phần tương tự - TPA3003D2PFB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPA3003D2PFB TI-TPA3003D2PFB Datasheet
489Kb / 33P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2PFB TI2-TPA3003D2PFB Datasheet
755Kb / 38P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
REVISED MARCH 2003
TPA3003D2PFB.A TI2-TPA3003D2PFB.A Datasheet
755Kb / 38P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
REVISED MARCH 2003
TPA3003D2PFBR TI2-TPA3003D2PFBR Datasheet
755Kb / 38P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
REVISED MARCH 2003
TPA3003D2PFBR.A TI2-TPA3003D2PFBR.A Datasheet
755Kb / 38P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
REVISED MARCH 2003
More results

Mô tả tương tự - TPA3003D2PFB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Power Analog Micoelectr...
PAM8606 PAM-PAM8606 Datasheet
292Kb / 16P
6W Stereo Class-D Audio Power Amplifier with DC Volume Control
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Texas Instruments
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com