công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPA3003D2PFB bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TPA3003D2PFB
Giải thích chi tiết về linh kiện  3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TPA3003D2PFB bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TPA3003D2PFB Datasheet HTML 1Page - Texas Instruments TPA3003D2PFB Datasheet HTML 2Page - Texas Instruments TPA3003D2PFB Datasheet HTML 3Page - Texas Instruments TPA3003D2PFB Datasheet HTML 4Page - Texas Instruments TPA3003D2PFB Datasheet HTML 5Page - Texas Instruments TPA3003D2PFB Datasheet HTML 6Page - Texas Instruments TPA3003D2PFB Datasheet HTML 7Page - Texas Instruments TPA3003D2PFB Datasheet HTML 8Page - Texas Instruments TPA3003D2PFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
4
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NO.
NAME
I/O
DESCRIPTION
AGND
9, 10, 26
−
Analog ground for digital/analog cells in core
AVCC
33
−
High-voltage analog power supply (8.5 V to 14 V)
AVDD
29
O
5-V Regulated output
AVDDREF
7
O
5-V Reference output—provided for connection to adjacent VREF terminal.
BSLN
13
I/O
Bootstrap I/O for left channel, negative high-side FET
BSLP
24
I/O
Bootstrap I/O for left channel, positive high-side FET
BSRN
48
I/O
Bootstrap I/O for right channel, negative high-side FET
BSRP
37
I/O
Bootstrap I/O for right channel, positive high-side FET
COSC
28
I/O
I/O for charge/discharging currents onto capacitor for ramp generator triangle wave biased at V2P5
FADE
30
I
Input for controlling volume ramp rate when cycling SD or during power-up. A logic low on this pin places
the amplifier in fade mode. A logic high on this pin allows a quick transition to the desired volume setting.
LINN
6
I
Negative differential audio input for left channel
LINP
5
I
Positive differential audio input for left channel
LOUTN
16, 17
O
Class-D 1/2-H-bridge negative output for left channel
LOUTP
20, 21
O
Class-D 1/2-H-bridge positive output for left channel
MUTE
34
I
A logic high on this pin disables the outputs. A low on this pin enables the outputs.
NC
31, 32,
35
−
Not internally connected
PGNDL
18, 19
−
Power ground for left channel H-bridge
PGNDR
42, 43
−
Power ground for right channel H-bridge
PVCCL
14, 15
−
Power supply for left channel H-bridge (tied to pins 22 and 23 internally), not connected to PVCCR or
AVCC.
PVCCL
22, 23
−
Power supply for left channel H-bridge (tied to pins 14 and 15 internally), not connected to PVCCR or
AVCC.
PVCCR
38,39
−
Power supply for right channel H-bridge (tied to pins 46 and 47 internally), not connected to PVCCL or
AVCC.
PVCCR
46, 47
−
Power supply for right channel H-bridge (tied to pins 38 and 39 internally), not connected to PVCCL or
AVCC.
REFGND
12
−
Ground for gain control circuitry. Connect to AGND. If using a DAC to control the volume, connect the DAC
ground to this terminal.
RINP
3
I
Positive differential audio input for right channel
RINN
2
I
Negative differential audio input for right channel
ROSC
27
I/O
Current setting resistor for ramp generator. Nominally equal to 1/8*VCC
ROUTN
44, 45
O
Class-D 1/2-H-bridge negative output for right channel
ROUTP
40, 41
O
Class-D 1/2-H-bridge positive output for right channel
SD
1
I
Shutdown signal for IC (low = shutdown, high = operational). TTL logic levels with compliance to VCC.
VCLAMPL
25
−
Internally generated voltage supply for left channel bootstrap capacitors.
VCLAMPR
36
−
Internally generated voltage supply for right channel bootstrap capacitors.
VOLUME
11
I
DC voltage that sets the gain of the amplifier.
VREF
8
I
Analog reference for gain control section.
V2P5
4
O
2.5-V Reference for analog cells, as well as reference for unused audio input when using single-ended
inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com