| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDC906 bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDC906 bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 39 page ![]() www.ti.com 1 7 1 1 8 1 1 S Slave Address Wr A Data Byte A P S Start Condition Sr Reapeated Start Condition Rd Read (Bit Value = 1) Wr Write (Bit Value = 0) A Acknowledge (ACK = 0 and NACK = 1) P Stop Condition PE Packet Error Master to Slave Transmission Slave to Master Transmission Byte Write Programming Sequence Byte Read Programming Sequence Block Write Programming Sequence(1) CDC906 SCAS828 – SEPTEMBER 2006 Figure 6. Generic Programming Sequence 1 7 1 1 8 1 8 1 1 S Slave Address Wr A CommandCode A Data Byte A P Figure 7. Byte Write Protocol 1 7 1 1 8 1 1 7 1 1 S Slave Address Wr A CommandCode A S Slave Address Rd A 8 1 1 Data Byte A P Figure 8. Byte Read Protocol 1 7 1 1 8 1 8 1 S Slave Address Wr A CommandCode A Byte Count N A 8 1 8 1 8 1 1 Data Byte 0 A Data Byte 1 A - - - - - Data Byte N–1 A P (1)Data Byte 0 is reserved for revision code and vendor identification. However, this byte is used for internal test. Do not write into it other than 0000 0000. Figure 9. Block Write Protocol 12 Submit Documentation Feedback |