| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDC906 bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDC906 bảng dữ liệu(HTML) 11 Page - Texas Instruments |
|
11 / 39 page ![]() www.ti.com APPLICATION INFORMATION SMBus Data Interface Data Protocol Slave Receiver Address (7 bits) CDC906 SCAS828 – SEPTEMBER 2006 To enhance the flexibility and function of the clock synthesizer, a two-signal serial interface is provided. It follows the SMBus specification Version 2.0, which is based upon the principals of operation of I2C. More details of the SMBus specification can be found at http://http://www.smbus.org. Through the SMBus, various device functions, such as individual clock output buffers, can be individually enabled or disabled. The registers associated with the SMBus data interface initialize to their default setting upon power-up; therefore, using this interface is optional. The clock device register changes are normally made upon system initialization, if any are required. The clock driver serial protocol accepts Byte Write, Byte Read, Block Write, and Block Read operations from the controller. For Block Write/Read operations, the bytes must be accessed in sequential order from lowest to highest byte (most significant bit first) with the ability to stop after any complete byte has been transferred. For Byte Write and Byte Read operations, the system controller can access individually addressed bytes. Once a byte has been sent, it is written into the internal register and effective immediately. With the rising edge of the ACK bit, this applies to each transferred byte, independent of whether this is a Byte Write or a Block Write sequence. The offset of the indexed byte is encoded in the command code, as described in Table 1. The Block Write and Block Read protocol is outlined in Figure 9 and Figure 10, while Figure 7 and Figure 8 outlines the corresponding Byte Write and Byte Read protocol. A6 A5 A4 A3 A2 A1 A0 R/W 1 1 0 1 0 0 1 0 Table 1. Command Code Definition Bit Description 0 = Block Read or Block Write operation 7 1 = Byte Read or Byte Write operation Byte Offset for Byte Read and Byte Write operation. (6:0) For Block Read and Block Write operation, these bits have to be 000 0000. 11 Submit Documentation Feedback |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |