công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT5510WSC bảng dữ liệu(PDF) 3 Page - Richtek Technology Corporation

tên linh kiện RT5510WSC
Giải thích chi tiết về linh kiện  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510WSC bảng dữ liệu(HTML) 3 Page - Richtek Technology Corporation

  RT5510WSC Datasheet HTML 1Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 2Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 3Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 4Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 5Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 6Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 7Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 8Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5510-00
October
2019
www.richtek.com
3
Pin No.
Pin Name
Type
Pin Function
E4
WDT/ADS2
I
Watchdog input/Address select 2. The RT5510 will latch the level
of WDT/ADS2 once 768
s after the edge of RSTN pin or analog
POR goes from low to high or software reset from high to low for
address select function.
E5
DATAO
O
I2S interface digital audio data output.
F1, F2
BGND
G
Boost converter ground.
F3
VBAT
P
Battery supply voltage. Connect 2.7V to 5.5 V battery supply. A
0.1
F external capacitor is required.
F4
SDA
I/O
I2C interface data input, Open drain structure. A 4.7k
 external
pull-up resistor is required.
F5
SCL
I
I2C interface clock input, Open drain structure. A 4.7k
 external
pull-up resistor is required.
Functional Block Diagram
DVDD
Signal Path
Processing
Class-D
Preamp
Preamp
Voltage
Trim Data
Current
Trim Data
Bandgap
Reference
Tc Comp.
CMP
Digital
Control
DAC
VADC
IADC
Boost Converter
PGA
IDAC
IDAC
CMP
VBAT & Temp.
Sensing
Class-G Algorithm &
Battery Safeguard
PLL
Watchdog
I
2
C
Interrupt
Controller
I
2
S
Interface
eFuse
ADS1
WDT/ADS2
SCL
SDA
RSTN
INT
BCK
LRCK
DATAI
DATAO
DGND
IOVDD
BGND
LX
VBST
VBAT
PVDD
VREF
OUTP
OUTN
VSNSP
VSNSN
PGND
AGND
OSC1M
VREF
LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com