| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS5036AIPFCRG4 bảng dữ liệu(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5036AIPFCRG4 bảng dữ liệu(HTML) 18 Page - Texas Instruments |
|
18 / 62 page ![]() Architecture Overview 12 SLES061B—November 2002—Revised January 2004 TAS5036A 23 22 SCLK 32 Clks LRCLK (Note Reversed Phase) Left Channel 24-Bit Mode 9 8 5 4 1 0 19 18 20-Bit Mode 5 4 1 0 16-Bit Mode 1 0 15 14 MSB LSB 23 22 SCLK 32 Clks Right Channel 9 8 5 4 1 0 19 18 5 4 1 0 1 0 15 14 MSB LSB 2-Channel I2S (Philips Format) Stereo Input Figure 2−3. I2S 64-Fs Format 2-Channel I2S Stereo Input/Output (24-Bit Transfer Word Size) 23 22 SCLK 24 Clks LRCLK Left Channel 24-Bit Mode 20 19 8 7 2 1 19 18 20-Bit Mode 16 15 1 0 16-Bit Mode 1 0 15 14 MSB LSB 4 3 5 21 4 5 17 13 12 11 23 22 SCLK 24 Clks Right Channel 20 19 8 7 2 1 19 18 16 15 1 0 1 0 15 14 MSB LSB 4 3 5 21 4 5 17 13 12 11 0 Figure 2−4. I2S 48-Fs Format 2.1.7.2 Left-Justified Timing Left-justified (LJ) timing uses LRCLK to define when the data being transmitted is for the left channel and the right channel. LRCLK is high for the left channel and low for the right channel. A bit clock running at 48 or 64 times Fs is used to clock in the data. The first bit of data appears on the data lines at the same time that LRCLK toggles. The data is written MSB first and is valid on the rising edge of the bit clock. The TAS5036A masks unused trailing data bit positions. Master mode only supports a 64 times Fs bit clock. |