| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320VC549 bảng dữ liệu(PDF) 51 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC549 bảng dữ liệu(HTML) 51 Page - Texas Instruments |
|
51 / 63 page ![]() TMS320VC549 FIXEDPOINT DIGITAL SIGNAL PROCESSOR SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004 51 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 serial-port transmit timing in TDM mode switching characteristics over recommended operating conditions [H = 0.5tc(CO)] (see Figure 28) PARAMETER 549-80 549-100 549-120 UNIT MIN MAX th(TCH-TDV) Hold time, TDAT / TADD valid after TCLK rising edge, TCLK external 1 ns th(TCH-TDV) Hold time, TDAT/TADD valid after TCLK rising edge, TCLK internal 1 ns td(TCH-TFV) Delay time, TFRM valid after TCLK rising edge, TCLK ext† H − 3 3H+22 ns td(TCH-TFV) Delay time, TFRM valid after TCLK rising edge, TCLK int† H − 3 3H+12 ns td(TC-TDV) Delay time, TCLK to valid TDAT/TADD, TCLK ext 25 ns td(TC-TDV) Delay time, TCLK to valid TDAT/TADD, TCLK int 18 ns † TFRM timing and waveforms shown in Figure 28 are for internal TFRM. TFRM can also be configured as external. The TFRM external case is illustrated in the receive timing diagram in Figure 27. |