| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320VC549 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC549 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 63 page ![]() TMS320VC549 FIXEDPOINT DIGITAL SIGNAL PROCESSOR SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004 4 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 A18 A17 VSS A16 D5 D4 D3 D2 D1 D0 RS X2 / CLKIN X1 HD3 CLKOUT VSS HPIENA CVDD VSS TMS TCK TRST TDI TDO EMU1 / OFF EMU0 TOUT HD2 TEST1 CLKMD3 CLKMD2 CLKMD1 VSS DVDD BDX1 BFSX1 VSS A22 VSS DVDD A10 HD7 A11 A12 A13 A14 A15 CVDD HAS VSS VSS CVDD HCS HR / W READY PS DS IS R/W MSTRB IOSTRB MSC XF HOLDA IAQ HOLD BIO MP / MC DVDD VSS BDR1 BFSR1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 PGE PACKAGE†‡ (TOP VIEW) † NC = No connection ‡ DVDD is the power supply for the I/O pins while CVDD is the power supply for the core CPU, and VSS is the ground for both the I/O pins and the core CPU. For the 144-pin TQFP, the letter B in front of CLKRn, FSRn, DRn, CLKXn, FSXn, and DXn pin names denotes buffered serial port (BSP), where n = 0 or 1 port. The letter T in front of CLKR, FSR, DR, CLKX, FSX, and DX pin names denotes time-division multiplexed (TDM) serial port. |