công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CH7117B bảng dữ liệu(PDF) 1 Page - Chrontel, Inc.

tên linh kiện CH7117B
Giải thích chi tiết về linh kiện  CH7117B HDMI to SDTV/HDTV/BT656/VGA Converter with Flexible Scaler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CHRONTEL [Chrontel, Inc.]
Trang chủ  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.

CH7117B bảng dữ liệu(HTML) 1 Page - Chrontel, Inc.

  CH7117B Datasheet HTML 1Page - Chrontel, Inc. CH7117B Datasheet HTML 2Page - Chrontel, Inc. CH7117B Datasheet HTML 3Page - Chrontel, Inc. CH7117B Datasheet HTML 4Page - Chrontel, Inc. CH7117B Datasheet HTML 5Page - Chrontel, Inc. CH7117B Datasheet HTML 6Page - Chrontel, Inc. CH7117B Datasheet HTML 7Page - Chrontel, Inc. CH7117B Datasheet HTML 8Page - Chrontel, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CH7117B
Brief Datasheet
209-1000-145
Rev 1.1
2020-6-30
1
Chrontel
CH7117B HDMI to SDTV/HDTV/BT656/VGA
Converter with Flexible Scaler
FEATURES
GENERAL DESCRIPTION
Multiple input formats supported:
— HDMI Receiver compliant with HDMI 1.4
specification and DVI 1.0 specification.
Support input resolution up to 1080p. Support
Hot Plug detection for HDMI/DVI
— Single channel 18-bit/24-bit LVDS receiver
support display resolution up to 1366x768
— ITU-R 601 or ITU-R 656 compatible YCbCr
4:2:2 input format with embedded syncs.
Support resolution up to 1280 x 720@60Hz for
YCbCr 4:2:2 input
Support multiple output formats:
— SDTV format (CVBS or S-Video output, NTSC
and PAL)
— HDTV format (YPbPr output) for 480p, 576p,
720p, 1080i and 1080P
— Single channel 18-bit/24-bit LVDS transmitter
support display resolution up to 1366x768
— Analog RGB output for VGA with Triple 9-bit
DAC up to 200MHz pixel rate. Sync signals can
be provided in separated or composite manner.
Support VESA and CEA timing standards up to
UXGA and 1920x1080@60Hz
— ITU-R 601 or ITU-R 656 compatible YCbCr
4:2:2 output format with embedded syncs or
separate syncs. Support resolution up to 1280 x
720@60Hz for YCbCr 4:2:2 output
On-chip Audio encoder which support 8 channel
IIS/ S/PDIF audio output
Flexible scaler engine embedded
VGA output is compliant with VESA VSIS v1r2
specification
MCU embedded to handle the control logic
Support device boot up by automatically loading
firmware from EEPROM
Integrated EDID Buffer
OSD controller support
TV connection detection supported
HDMI input detection supported
Support Auto Power Saving mode and low stand-by
current
Support 422 to 444 conversion
Support RGB to YCC conversion in ITU-R BT.601
and 709 color space for SDTV/HDTV/BT656
output
IIC slave interface is available for debug and
Chrontel’s CH7117B is an innovative semiconductor
device that consists of HDMI receiver, single channel
LVDS receiver/transmitter, three separate 9-bit video
Digital-to-Analog Converters (DACs), SDTV encoder,
HDTV encoder, YCbCr 4:2:2 decoder/encoder and audio
encoder, which can convert HDMI / LVDS / BT656
signals into CVBS / S-Video / YPbPr / LVDS / BT656 /
Analog RGB outputs with IIS or SPDIF audio output.
The HDMI receiver integrated is compliant with HDMI
1.4b. The DACs are based on current source architecture.
The single channel LVDS receiver/transmitter complies
with the SPWG or OpenLDI specification, popular LVDS
standards used by panel manufacturers. Each input/output
LVDS interface is equipped with 4/1 pairs of differential
signal buses to support video data and clock. The device’s
LVDS receiver/transmitter can accept/output maximum
video clock frequency for up to 85MHz or 1366x768
resolution in 24-bit color per pixel.
With a powerful scaling engine working together with
other video processing circuits, CH7117B will convert the
captured
input
signal
with
resolution
up
to
1920x1080@60Hz, which is stored in the internal DDR
RAM, into analog video format or LVDS/BT656 signal
with any specified resolution.
With sophisticated MCU Embedded, CH7117B support
auto-boot and EDID buffer. Leveraging Firmware auto
loaded from the External EEPROM, CH7117B can
support HDMI input detection, DAC connection detection
and can be programmed to enter into Power Saving mode
automatically.
The CH7117B also supports up to 8-channel audio input
from HDMI port and output from the special audio output
port with sample rate up to 192 KHz. Available audio
bandwidth depends on the pixel clock frequency, the video
format timing, and whether or not content protection
re-synchronization is needed.


Số phần tương tự - CH7117B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Apacer Technology Inc.
CH710-CF APACER-CH710-CF Datasheet
2Mb / 5P
ApacerindustrialCH710-CFcard
logo
Chrontel, Inc.
CH7101B CHRONTEL-CH7101B Datasheet
172Kb / 7P
CH7101B HDMI to VGA Converter
Rev 1.1 2017-7-18
CH7101B-BF CHRONTEL-CH7101B-BF Datasheet
172Kb / 7P
CH7101B HDMI to VGA Converter
Rev 1.1 2017-7-18
CH7101B-BFI CHRONTEL-CH7101B-BFI Datasheet
172Kb / 7P
CH7101B HDMI to VGA Converter
Rev 1.1 2017-7-18
CH7102A CHRONTEL-CH7102A Datasheet
190Kb / 6P
CH7102A HDMI to BT656 Converter
Rev 1.4 2021-5-20
More results

Mô tả tương tự - CH7117B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GF9330 GENNUM-GF9330 Datasheet
674Kb / 42P
High Performance HDTV/SDTV Deinterlacer
logo
Tripp Lite. All Rights ...
P116-000-HDSC1 TRIPPLITE-P116-000-HDSC1 Datasheet
170Kb / 3P
VGA with Audio to HDMI Converter with Scaler function
logo
IOGEAR
GVFHFW6 IOGEAR-GVFHFW6 Datasheet
156Kb / 2P
VGA w/Audio to HDMI converter TAA Compliant
logo
Chrontel, Inc.
CH7101B CHRONTEL-CH7101B Datasheet
172Kb / 7P
CH7101B HDMI to VGA Converter
Rev 1.1 2017-7-18
CH7016A CHRONTEL-CH7016A Datasheet
731Kb / 59P
CH7016A SDTV / HDTV Encoder
Rev. 1.2, 1/7/2014
CH7036 CHRONTEL-CH7036 Datasheet
175Kb / 8P
CH7036 LVDS to HDMI/VGA/LVDS Converter
Rev. 1.5 06/30/2020
CH7102A CHRONTEL-CH7102A Datasheet
190Kb / 6P
CH7102A HDMI to BT656 Converter
Rev 1.4 2021-5-20
CH7104B CHRONTEL-CH7104B Datasheet
200Kb / 7P
CH7104B HDMI to HDTV/VGA Converter
Rev 1.5 2021-5-20
CH7105B CHRONTEL-CH7105B Datasheet
202Kb / 7P
CH7105B HDMI to SDTV/VGA Converter
Rev 1.5 2021-5-20
CH7106B CHRONTEL-CH7106B Datasheet
202Kb / 7P
CH7106B HDMI to SDTV/HDTV/VGA Converter
Rev 1.5 2021-5-20
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com