| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSV912 bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV912 bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 18 page ![]() Electrical characteristics TSV911-TSV912-TSV914 6/18 en Equivalent input noise voltage f=10kHz - 27 - THD+en Total harmonic distortion G=1, f=1kHz, Rl=2k Ω, BW=22kHz, Vicm=(Vcc+1)/2, Vout=1.1Vpp - 0.001 - % 1. Guaranteed by design. Table 4. Electrical characteristics at VCC = +3.3V VDD = 0V, Vicm = VCC/2, Tamb = 25°C, R L connected to Vcc/2 (unless otherwise specified) Symbol Parameter Conditions Min. Typ. Max. Unit DC performance Vio Offset voltage TSV91x - 0.1 4.5 mV Tmin. < Top < Tmax. - - 7.5 TSV91xA - - 1.5 Tmin. < Top < Tmax. - - 3 DVio Input offset voltage drift - 2 - µV/°C Iio Input offset current - 1 10(1) pA Iib Input bias current - 1 10(1) pA CMR Common mode rejection ratio 20 log ( ∆V ic/∆Vio) 0V to 3.3V, Vout = 1.65V 60 78 - dB Avd Large signal voltage gain RL=10kΩ, Vout= 0.5V to 2.8V 80 90 - dB Vcc-VOH High level output voltage RL = 10kΩ RL = 600Ω 15 45 40 150 mV VOL Low level output voltage RL = 10kΩ RL = 600Ω - 15 45 40 150 mV Iout Isink Vo = 3.3V 18 32 - mA Tmin. < Tamb < Tmax. 16 - - Isource Vo = 0V 18 35 - Tmin. < Tamb < Tmax. 16 - - ICC Supply current (per operator) No load, Vout=Vcc/2 - 0.8 1.1 mA Tmin. < Top < Tmax. - - 1.1 AC performance GBP Gain bandwidth product RL = 2kΩ, CL = 100pF, f = 100kHz - 8 - MHz Fu Unity gain frequency RL = 2kΩ, CL=100pF - 7.2 - MHz Table 3. Electrical characteristics at VCC = +2.5V VDD = 0V, Vicm = VCC/2, Tamb = 25°C, R L connected to Vcc/2 (unless otherwise specified) Symbol Parameter Conditions Min. Typ. Max. Unit nV Hz ------------ |