| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MRF21030LR3 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MRF21030LR3 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc |
|
3 / 8 page ![]() MRF21030LR3 MRF21030LSR3 3 RF Device Data Freescale Semiconductor Figure 1. MRF21030LR3(SR3) Test Circuit Schematic RF INPUT RF OUTPUT Z1 Z2 VBIAS C2 C9 C6 + L1 DUT VSUPPLY B1, B2 Short Ferrite Beads C1 1 pF Chip Capacitor C2 4.7 pF Chip Capacitor C3 0.5 pF Chip Capacitor C4 3.9 pF Chip Capacitor C5, C12 0.1 μF Chip Capacitors C6, C13 470 μF, 63 V Electrolytic Chip Capacitors C7, C8 0.3 pF Chip Capacitors C9 3.6 pF Chip Capacitor C10 22 μF Tantalum Chip Capacitor C11 5.1 pF Chip Capacitor L1, L2 12.5 nH Inductors R1, R2 12 Ω Chip Resistors (1206) Z1 0.153″ x 0.087″ Microstrip Z2 0.509″ x 0.156″ Microstrip Z3 0.572″ x 0.087″ Microstrip Z4 0.509″ x 0.232″ Microstrip Z5 0.277″ x 0.143″ Microstrip Z6 0.200″ x 0.305″ Microstrip Z7 0.200″ x 0.511″ Microstrip Z8 0.510″ x 0.328″ Microstrip Z9 0.608″ x 0.081″ Microstrip PCB Taconic TLX8, 30 mils, εr = 2.55 Z3 C13 C11 Z8 Z9 Z7 C5 C10 Z5 Z6 L2 B2 R2 C4 C1 Z4 Z10 C3 C8 + C12 + Figure 2. MRF21030LR3(SR3) Test Circuit Component Layout C7 B1 R1 + + C1 C2 C3 L1 C4 C8 C7 L2 C9 C11 C10 B2 R2 C12 C13 C5 C6 R1 B1 V V Ground Ground BIAS SUPPLY MRF21030 Rev 1 Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale Semiconductor signature/logo. PCBs may have either Motorola or Freescale markings during the transition period. These changes will have no impact on form, fit or function of the current product. |