công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD72012 bảng dữ liệu(PDF) 28 Page - Renesas Technology Corp

tên linh kiện UPD72012
Giải thích chi tiết về linh kiện  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD72012 bảng dữ liệu(HTML) 28 Page - Renesas Technology Corp

Back Button UPD72012 Datasheet HTML 24Page - Renesas Technology Corp UPD72012 Datasheet HTML 25Page - Renesas Technology Corp UPD72012 Datasheet HTML 26Page - Renesas Technology Corp UPD72012 Datasheet HTML 27Page - Renesas Technology Corp UPD72012 Datasheet HTML 28Page - Renesas Technology Corp UPD72012 Datasheet HTML 29Page - Renesas Technology Corp UPD72012 Datasheet HTML 30Page - Renesas Technology Corp UPD72012 Datasheet HTML 31Page - Renesas Technology Corp UPD72012 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
26
Data Sheet S13918EJ3V0DS
µPD72012
(3) HUB event timing
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Time to detect downstream port
connection event (wake-up HUB)
2.5
2000
µs
Time to detect downstream port
connection event (suspend HUB)
tDCNN
2.5
12000
µs
Time to detect disconnect event at
downstream port (wake-up HUB)
22.5
µs
Time to detect disconnect event at
downstream port (suspend HUB)
tDDIS
2
10000.0
µs
Period to drive resume at downstream
port (from control HUB only)
tDRSMDN
20
ms
Time from detecting downstream
resume to re-broadcasting
tURSM
100
µs
Time to detect long K state from
upstream
tURLK
2.5
5.5
µs
Time to detect long SE0 from upstream
tURLSE0
2.5
10000
µs
Period to repeat SE0 upstream
tURPSE0
23
FS Bit
time
Period to transmit SE0 upstream after
EOF1
tUDEOP
Optional
2
FS Bit
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38