| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD72012 bảng dữ liệu(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD72012 bảng dữ liệu(HTML) 15 Page - Renesas Technology Corp |
|
15 / 38 page ![]() Data Sheet S13918EJ3V0DS 13 µPD72012 (2/2) Value Standard ROM code product No. Field Size (Bytes) Contents 003 004 Mask ROM code product 14 iManufacture 1 Shows the index of the string descriptor for a comment about a manufacturer using the HUB. Since not used for a standard ROM code product (003, 004), its value is “0x00”. When using this for a Mask ROM code product, set it to “0x01”. 0x00 0x00 0x00 or 0x01 15 iProduct 1 Shows the index of the string descriptor for a comment about a product using the HUB. Since not used for a standard ROM code product (003, 004), its value is “0x00”. When using this for a Mask ROM code product, set it to “0x02”. 0x00 0x00 0x00 or 0x02 16 iSerialNumber 1 Shows the index of the string descriptor for the serial number of a product using the HUB. Since not used for a standard ROM code product (003, 004), its value is “0x00”. When using this for a Mask ROM code product, set it to “0x03”. 0x00 0x00 0x00 or 0x03 17 bNumConfiguration 1 Shows the number of configurations that can be set for this HUB. Its value is fixed at “0x01” for the µPD72012 0x01 0x01 0x01 |