| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS320 bảng dữ liệu(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS320 bảng dữ liệu(HTML) 4 Page - Microchip Technology |
|
4 / 28 page ![]() HCSXXX DS41256A-page 4 Preliminary 2004 Microchip Technology Inc. TABLE 1-1: PIN DESCRIPTIONS (DURING PROGRAMMING) Device Pin Number Comments Power Supply Ground Clock Data Other HCS200 8 5 3 6 — HCS201 8 5 3 6 — (Notes 1) HCS300 8 5 3, 4 6 — (Notes 2) HCS301 8 5 3, 4 6 — (Notes 2) HCS320 8 5 3 6 — (Notes 2) HCS360 8 5 3, 4 6 2 (Notes 2) HCS361 8 5 3, 4 6 2 (Notes 2) HCS362 8 5 3, 4 6 — (Notes 2) HCS410 8 5 3 6 — HCS412 8 5 3 6 — (Note 1) HCS500 1 8 6 5 — (Notes 2, 3, 4, 7, 8) HCS512 14 5 12 13 4 (Notes 5, 6, 8, 9) HCS515 3 12 10 9 — (Notes 7, 8) Note 1: Sends calibration pulse during ACK periods. 2: VDD pin must be driven low after a Program/Verify cycle. 3: In-circuit programming recommended. 4: Used in conjunction with a Microchip Technology 24LC02B device. 5: MCLR, pin 4, is used to enter Program mode. 6: Must apply external clock source to OSCIN while programming. 7: Requires command byte preceding data packet. 8: Verify function not available. 9: Uses checksum in data packet. |