| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS320 bảng dữ liệu(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS320 bảng dữ liệu(HTML) 23 Page - Microchip Technology |
|
23 / 28 page ![]() 2004 Microchip Technology Inc. Preliminary DS41256A-page 23 HCSXXX 5.6 Programming Waveforms (HCS360, HCS361) FIGURE 5-5: PROGRAMMING WAVEFORMS FIGURE 5-6: VERIFY WAVEFORMS The VDD pin must be taken to ground after a program/verify cycle. DATA Enter Program Mode (Data) (Clock) bit 1 bit 2 bit 3 bit 14 bit 15 bit 16 bit 17 T1 T2 Repeat for each word TCLKH TCLKL TWC TDS S2/S3 Data for Word 0 (KEY_0) Data for Word 1 TDH bit 0 bit 1 bit 2 bit 3 bit 14 bit 15 S1 bit 0 bit 0 of Word 0 Note 1: Unused button inputs to be held to ground during the entire programming sequence. 2: The VDD pin must be taken to ground after a Program/Verify cycle. Acknowledge Pulse DATA (Clock) (Data) End of Programming Cycle Beginning of Verify Cycle bit 1 bit 2 bit 3 bit 15 bit 14 bit 16 bit 17 bit 190 bit 191 TWC Data from Word0 TDV S2/S3 bit 0 bit 191 bit 190 S1 Ack Note 1: A Verify sequence is performed only once immediately after the Program cycle. |