công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIX4192IPFBT bảng dữ liệu(PDF) 52 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện DIX4192IPFBT
Giải thích chi tiết về linh kiện  Integrated Digital Audio Interface Receiver and Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIX4192IPFBT bảng dữ liệu(HTML) 52 Page - Burr-Brown (TI)

Back Button DIX4192IPFBT Datasheet HTML 48Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 49Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 50Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 51Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 52Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 53Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 54Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 55Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 56Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
www.ti.com
CHANNEL STATUS AND USER DATA BUFFER MAPS
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
Register 7F: Page Selection Register
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
0
0
0
0
PAGE1
PAGE0
PAGE[1:0]
Page Selection
These bits are utilized to select one of three register pages for write and/or read access via the SPI or I2C serial host interface. The Page
Selection Register is present on every register page at address 0x7F, allowing movement between pages as necessary.
PAGE1
PAGE0
Register/Buffer Page Selection
0
0
Page 0, control and status registers (default)
0
1
Page 1, DIR channel status and user data buffers
1
0
Page 2, DIT channel status and user data buffers
1
1
Page 3, reserved
Table 5 through Table 8 show the buffer maps for the DIR and DIT channel status and user data buffers.
For Table 5, the channel status byte definitions are dependent on the transmission mode, either Professional or
Consumer. Bit 0 of Byte 0 defines the transmission mode, 0 for Consumer mode, and 1 for Professional mode.
This is applicable for Table 5 and Table 6.
For Table 7, the channel status byte definitions are dependent on the transmission mode, either Professional or
Consumer. Bit 0 of Byte 0 defines the transmission mode, 0 for Consumer mode, and 1 for Professional mode.
In Professional mode, Byte 23 for each channel is reserved for CRC data, which is automatically calculated and
encoded by the DIT. There is no need to program Byte 23 for either channel in Professional mode.
52
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com