công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIX4192IPFBT bảng dữ liệu(PDF) 24 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện DIX4192IPFBT
Giải thích chi tiết về linh kiện  Integrated Digital Audio Interface Receiver and Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIX4192IPFBT bảng dữ liệu(HTML) 24 Page - Burr-Brown (TI)

Back Button DIX4192IPFBT Datasheet HTML 20Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 21Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 22Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 23Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 24Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 25Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 26Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 27Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 28Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
www.ti.com
S
A
A
A
A
A P
Byte1
Slav Ad
e
dress
wit R
h
/W=0
Byte2
Reg t
is erAddressByte
wit I
h NC=1
Byte3
SlaveAddress
withR/W=1
Byte4
Reg t
is erData
ByteN
Reg t
is erData
forAddress+N
(c)RandomReadOp
mentEnabled
eration,Auto-Incre
S=STARTC
di
on tion
A=Ackn w dg
o le
e
A =NotAckno ledge
w
R=Repeated TART
S
P=STOPCondii n
t o
Transferfrom
ste
Ma
r to Slave
Transferfrom
aveto
Sl
Master
L gend
e
R
S
A
A P
Byte1
SlaveAddre s
s
withR/W=1
Byte2
Reg t
is erAddressByte
withINC=0
(a Cu
)
rrentAd res
heRegister
ddr ss fthe
vio s
d
A
e
Pre
u
s Read,Assumest
o
S
A
A
A P
Byte1
Slav Ad
e
dress
withR/W=0
Byte2
Reg t
is erAddressByte
withINC=0
Byte3
Slav Ad
e
dress
withR/W=1
(b)RandomReadOp
me tDisabled
eration,Auto-Incre
n
R
A
Byte4
RegisterData
INTERRUPT OUTPUT
VIO
10kW
Tothe
outputsf
INT
or
additionalDIX4192 devices
Interrupt
Logic
DIX4192
MCU,DSP,
orLogic
INT 23
Interrupt
Input
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
Figure 20. Fast/Standard Mode Read Operations
The DIX4192 includes multiple internal status bits, many of which may be set to trigger an interrupt signal. The
interrupt signal is output at INT (pin 23), which is an active low, open-drain output. The INT pin requires a pull-up
resistor to the VIO supply rail. The value of the pull-up is not critical, but a 10k
Ω device should be sufficient for
most applications. Figure 21 shows the interrupt output pin connection. The open-drain output allows interrupt
pins from multiple DIX4192 devices to be connected in a wired OR configuration.
Figure 21. Interrupt Output Pin Connections
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com