| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD16675AP/W bảng dữ liệu(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD16675AP/W bảng dữ liệu(HTML) 27 Page - Renesas Technology Corp |
|
27 / 38 page ![]() 25 µµµµPD16675A 8.4 Blink Data Setting Parameter STB Command/data Description b7 b6 b5 b4 b3 b2 b1 b0 Start H XX XXXXXX Chip Address Register (CAR) L 00 000000 Chip address = 000 Address register 1 L 11 100000 Blink data group address, Y address = 00H Address register 2 L 00 000000 X address = 00H H XX XXXXXX CAR L 00 000000 Chip address = 000 Data R/W mode L 10 110001 Data write, the address is incremented starting from the current one. Blink display data 1 | Blink display data 16 L | L D D D D D D D D D D D D D D D D Data of Y address = 00H (16 bytes) Blink display data 1 | Blink display data 16 L | L D D D D D D D D D D D D D D D D Data of Y address = 01H (16 bytes) H XX XXXXXX CAR L 00 000000 Chip address = 000 Blink setting L 01 000010 Start blinking, blink frequency = fBRI/2 End H XX XXXXXX Remark X = Don't Care, D = Data |