| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD16675AP/W bảng dữ liệu(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD16675AP/W bảng dữ liệu(HTML) 23 Page - Renesas Technology Corp |
|
23 / 38 page ![]() 21 µµµµPD16675A 8. CPU ACCESS EXAMPLES Examples of access procedure are shown below. In serial or 4-bit parallel interface mode, the Chip Address Register (CAR) is not transmitted when the CAR is invalid (CAE = L, see page 13). 8.1 Initialize and Data Write Parameter STB Command/data Description b7 b6 b5 b4 b3 b2 b1 b0 Start H XX XXXXXX (Power-on reset is released 200 µs after power supply is started) Chip Address Register (CAR) L 00 000000 Chip address = 000 Duty setting L 00 011000 1/34 duty H XX XXXXXX CAR L 00 000000 Chip address = 000 D/A converter setting L 10 010000 D/A converter output = 10000H H XX XXXXXX CAR L 00 000000 Chip address = 000 Address register 1 L 11 000000 Dot address, Y address = 00H Address register 2 L 00 000000 X address = 00H H XX XXXXXX CAR L 00 000000 Chip address = 000 Data R/W mode L 10 110001 Data write, the address is incremented starting from the current one. Dot display data 1 | Dot display data 128 L | L D D D D D D D D D D D D D D D D Data of Y address = 00H (128 bytes) Dot display data 1 | Dot display data 128 L | L D D D D D D D D D D D D D D D D Data of Y address = 01H (128 bytes) Dot display data 1 | Dot display data 128 L | L D D D D D D D D D D D D D D D D Data of Y address = 02H (128 bytes) Dot display data 1 | Dot display data 128 L | L D D D D D D D D D D D D D D D D Data of Y address = 03H (128 bytes) H XX XXXXXX CAR L 00 000000 Chip address = 000 Address register 1 L 11 010000 Pictograph group address, Y address = 00H Address register 2 L 00 000000 X address = 00H H XX XXXXXX CAR L 00 000000 Chip address = 000 Remark X = Don't Care, D = Data |