| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD16640C bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD16640C bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp |
|
8 / 18 page ![]() Data Sheet S11269EJ1V1DS00 6 µµµµ PD16640C Table 4-1. Relation between Input Data and Output Voltage Input Data DX5 DX4 DX3 DX2 DX1 DX0 Output Voltage 00H 00000 0 V0 01H 00000 1 V2 + (V1 – V2) × 6/7 02H 00001 0 V2 + (V1 – V2) × 5/7 03H 00001 1 V2 + (V1 – V2) × 4/7 04H 00010 0 V2 + (V1 – V2) × 3/7 05H 00010 1 V2 + (V1 – V2) × 2/7 06H 00011 0 V2 + (V1 – V2) × 1/7 07H 00011 1 V2 08H 00100 0 V3 + (V2 – V3) × 7/8 09H 00100 1 V3 + (V2 – V3) × 6/8 0AH 00101 0 V3 + (V2 – V3) × 5/8 0BH 00101 1 V3 + (V2 – V3) × 4/8 0CH 00110 0 V3 + (V2 – V3) × 3/8 0DH 00110 1 V3 + (V2 – V3) × 2/8 0EH 00111 0 V3 + (V2 – V3) × 1/8 0FH 00111 1 V3 10H 01000 0 V4 + (V3 – V4) × 7/8 11H 01000 1 V4 + (V3 – V4) × 6/8 12H 01001 0 V4 + (V3 – V4) × 5/8 13H 01001 1 V4 + (V3 – V4) × 4/8 14H 01010 0 V4 + (V3 – V4) × 3/8 15H 01010 1 V4 + (V3 – V4) × 2/8 16H 01011 0 V4 + (V3 – V4) × 1/8 17H 01011 1 V4 18H 01100 0 V5 + (V4 – V5) × 7/8 19H 01100 1 V5 + (V4 – V5) × 6/8 1AH 01101 0 V5 + (V4 – V5) × 5/8 1BH 01101 1 V5 + (V4 – V5) × 4/8 1CH 01110 0 V5 + (V4 – V5) × 3/8 1DH 01110 1 V5 + (V4 – V5) × 2/8 1EH 01111 0 V5 + (V4 – V5) × 1/8 1FH 01111 1 V5 20H 10000 0 V6 + (V5 – V6) × 7/8 21H 10000 1 V6 + (V5 – V6) × 6/8 22H 10001 0 V6 + (V5 – V6) × 5/8 23H 10001 1 V6 + (V5 – V6) × 4/8 24H 10010 0 V6 + (V5 – V6) × 3/8 25H 10010 1 V6 + (V5 – V6) × 2/8 26H 10011 0 V6 + (V5 – V6) × 1/8 27H 10011 1 V6 28H 10100 0 V7 + (V6 – V7) × 7/8 29H 10100 1 V7 + (V6 – V7) × 6/8 2AH 10101 0 V7 + (V6 – V7) × 5/8 2BH 10101 1 V7 + (V6 – V7) × 4/8 2CH 10110 0 V7 + (V6 – V7) × 3/8 2DH 10110 1 V7 + (V6 – V7) × 2/8 2EH 10111 0 V7 + (V6 – V7) × 1/8 2FH 10111 1 V7 30H 11000 0 V8 + (V7 – V8) × 7/8 31H 11000 1 V8 + (V7 – V8) × 6/8 32H 11001 0 V8 + (V7 – V8) × 5/8 33H 11001 1 V8 + (V7 – V8) × 4/8 34H 11010 0 V8 + (V7 – V8) × 3/8 35H 11010 1 V8 + (V7 – V8) × 2/8 36H 11011 0 V8 + (V7 – V8) × 1/8 37H 11011 1 V8 38H 11100 0 V9 + (V8 – V9) × 6/7 39H 11100 1 V9 + (V8 – V9) × 5/7 3AH 11101 0 V9 + (V8 – V9) × 4/7 3BH 11101 1 V9 + (V8 – V9) × 3/7 3CH 11110 0 V9 + (V8 – V9) × 2/7 3DH 11110 1 V9 + (V8 – V9) × 1/7 3EH 11111 0 V9 3FH 11111 1 V10 |