| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC34653EF/R2 bảng dữ liệu(PDF) 12 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC34653EF/R2 bảng dữ liệu(HTML) 12 Page - Freescale Semiconductor, Inc |
|
12 / 24 page ![]() Analog Integrated Circuit Device Data 12 Freescale Semiconductor 34653 FUNCTIONAL DEVICE OPERATION OPERATIONAL MODES Figure 9. Overcurrent Mode for More Than 3.0 ms Figure 10. Overcurrent Mode for Less Than 3.0 ms DISABLING AND ENABLING THE 34653 When a negative voltage (< 1.8 V below VPWR) is applied to the DISABLE pin for more than 1.0 ms (Point A in Figure 11), the 34653 is disabled, the Power MOSFET turns off, and the power good output signals deactivate. The 34653 stays in this state until the voltage on the DISABLE pin is brought to within ±1.2 V of VPWR for more than 1.0 ms to enable the device (Point B in Figure 11). Then a new start-up sequence initiates as described on page 10. Applying a positive voltage (> 1.8 V above VPWR) would also disable the 34653 in the same manner. Figure 11. Disabling and Enabling the 34653 Figure 12 demonstrates that the 34653 must be enabled for the length of the start-up timer to start turning on the Power MOSFET. After the fourth disable signal, the 34653 was enabled for the length of the start-up timer. And because the retry counter is less than 10, the 34653 turns on the Power MOSFET and starts the charging process (refer to Charging Process, pages 10–11). Figure 12. Start-Up Timer Versus Disable BOARD REMOVAL When the board is removed, its power ramps down. As soon as the 34653’s input voltage reaches the undervoltage turn-off threshold, the undervoltage detection circuit activates and the Power MOSFET turns off for having violated one of the start-up conditions (list on page 10). |