| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
80221 bảng dữ liệu(PDF) 11 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
80221 bảng dữ liệu(HTML) 11 Page - LSI Computer Systems |
|
11 / 91 page ![]() 80220/80221 4-11 MD400159/E 11 Signals Bit Value TXDO X X 11 1 1 1 111 11 111 11 12 1 TXD1 X X 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 TXD2 X X 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 TXD3 X X 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 TX_EN 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 D03 D44 D1 D5 D2 D6 D3 D7 11 1. 1st preamble nibble transmitted. 2. 1st sfd nibble transmittted. 3. 1st data nibble transmitted. 4. D0 thru D7 are the first 8 bits of the data field. Signals Bit Value RXDO X 11 1 111 111 11 111 11 12 1 RXD1 X 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 RXD2 X 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 RXD3 X 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 RX_DV 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 D03 D44 D1 D5 D2 D6 D3 D7 11 1. 1st preamble nibble received. Depending on mode, device may eliminate either all or some of the preamble nibbles, up to 1st SFD nibble. 2. 1st sfd nibble received. 3. 1st data nibble received. 4. D0 thru D7 are the first 8 bits of the data field. Figure 3. MII Frame Format c.) Transmit Preamble and SFD bits d.) Receive Preamble and SFD Bits a.) MII Frame Format b.) MII Nibble Order IDLE PREAMBLE PRMBLE SFD DATA 1 DATA N-1 DATA N START OF FRAME DELIM. 62 BT DATA 2 DATA NIBBLES 2 BT IDLE TX_EN = 0 TX_EN = 0 TX_EN = 1 FIRST NIBBLE FIRST BIT MAC’s SERIAL BIT STREAM D0 D1 D2 D3 D4 D5 D6 D7 TXD0 / RXD0 TXD3 / RXD3 TXD2 / RXD2 TXD1 / RXD1 MSB SECOND NIBBLE MII NIBBLE STREAM LSB = TX_EN = 0 = [ BETWEEN 64-1518 DATA BYTES ] = [ 1 1 ] = [ 1 0 1 0 ... ] 62 BITS LONG IDLE DATAn SFD PREAMBLE |