| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD78P324LP bảng dữ liệu(PDF) 80 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD78P324LP bảng dữ liệu(HTML) 80 Page - Renesas Technology Corp |
|
80 / 82 page ![]() µPD78P324, 78P324(A) 78 Fuzzy knowledge data creation tools (FE9000, FE9200) Translator (FT78K3)Note Fuzzy inference module (FI78K/III)Note Fuzzy inference debugger (FD78K/III) This program supports inputting/editing/evaluating (through simulation) of the fuzzy knowledge data (fuzzy rules and membership functions). Fuzzy Inference Development Support System Host machine PC-9800 series IBM PC/AT and its compatible machine Supply medium 3.5-inch 2HD 5-inch 2HD 3.5-inch 2HC 5-inch 2HC Part number µS5A13FE9000 µS5A10FE9000 µS7B13FE9000 µS7B10FE9000 OS MS-DOS PC DOS Winsows This program converts the fuzzy knowledge data obtained with fuzzy knowledge data creation tools to an assembler source program for RA78K/III. Host machine PC-9800 series IBM PC/AT and its compatible machine Supply medium 3.5-inch 2HD 5-inch 2HD 3.5-inch 2HC 5-inch 2HC Part number µS5A13FT78K3 µS5A10FT78K3 µS7B13FT78K3 µS7B10FT78K3 OS MS-DOS PC DOS Supply medium 3.5-inch 2HD 5-inch 2HD 3.5-inch 2HC 5-inch 2HC Part number µS5A13FI78K3 µS5A10FI78K3 µS7B13FI78K3 µS7B10FI78K3 OS MS-DOS PC DOS Supply medium 3.5-inch 2HD 5-inch 2HD 3.5-inch 2HC 5-inch 2HC Part number µS5A13FD78K3 µS5A10FD78K3 µS7B13FD78K3 µS7B10FD78K3 OS MS-DOS PC DOS Note Under development Host machine PC-9800 series IBM PC/AT and its compatible machine This program executes fuzzy inference. Fuzzy inference is executed by being linked to the fuzzy knowledge data converted by the translator. This is a support software program for evaluating and adjusting the fuzzy knowl- edge data at a hardware level by using the in-circuit emulator. Host machine PC-9800 series IBM PC/AT and its compatible machine |