công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PESD2CANFD27VT-Q bảng dữ liệu(PDF) 7 Page - Nexperia B.V. All rights reserved

tên linh kiện PESD2CANFD27VT-Q
Giải thích chi tiết về linh kiện  ESD protection for in-vehicle networks
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD2CANFD27VT-Q bảng dữ liệu(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PESD2CANFD27VT-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD2CANFD27VT-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD2CANFD27VT-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD2CANFD27VT-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD2CANFD27VT-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD2CANFD27VT-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD2CANFD27VT-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD2CANFD27VT-Q Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESD2CANFD27VT-Q Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Nexperia
PESD2CANFD27VT-Q
ESD protection for in-vehicle networks
10. Application information
The device is designed for the protection of two automotive in-vehicle bus lines, e.g. CAN (FD),
from the damage caused by ESD and surge pulses.
aaa-031991
CG
CAN BUS
TRANSCEIVER
CAN
bus
PESD2CANFDx
SPLIT
2
3
1
RT/2
RT/2
CANH
CANL
Common
mode choke
(optional)
Fig. 11. Typical application: ESD protection of two automotive CAN bus lines
Circuit board layout and protection device placement
Circuit board layout is critical for the suppression of ESD, Electrical Fast Transient (EFT) and surge
transients. The following guidelines are recommended:
1. Place the device as close to the input terminal or connector as possible.
2. Minimize the path length between the device and the protected line.
3. Keep parallel signal paths to a minimum.
4. Avoid running protected conductors in parallel with unprotected conductors.
5. Minimize all Printed-Circuit Board (PCB) conductive loops including power and ground loops.
6. Minimize the length of the transient return path to ground.
7. Avoid using shared transient return paths to a common ground point.
8. Use ground planes whenever possible. For multilayer PCBs, use ground vias.
11. Test information
Quality information
This product has been qualified in accordance with the Automotive Electronics Council (AEC)
standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in
automotive applications.
PESD2CANFD27VT-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
12 April 2023
7 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com