công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PESD2CANFD27VT-Q bảng dữ liệu(PDF) 4 Page - Nexperia B.V. All rights reserved

tên linh kiện PESD2CANFD27VT-Q
Giải thích chi tiết về linh kiện  ESD protection for in-vehicle networks
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD2CANFD27VT-Q bảng dữ liệu(HTML) 4 Page - Nexperia B.V. All rights reserved

  PESD2CANFD27VT-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD2CANFD27VT-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD2CANFD27VT-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD2CANFD27VT-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD2CANFD27VT-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD2CANFD27VT-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD2CANFD27VT-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD2CANFD27VT-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD2CANFD27VT-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Nexperia
PESD2CANFD27VT-Q
ESD protection for in-vehicle networks
9. Characteristics
Table 6. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
Tamb = 25 °C
-
-
27
V
VBR
breakdown voltage
IR = 10 mA; Tamb = 25 °C
[1]
28
-
38
V
IRM
reverse leakage current VRWM = 27 V; Tamb = 25 °C
[1]
-
1
50
nA
f = 1 MHz; VR = 2.5 V; Tamb = 25 °C
[1]
-
5.2
6
pF
Cd
diode capacitance
f = 1 MHz; VR = -2.5 V; Tamb = 25 °C
[1]
-
5.2
6
pF
f = 1 MHz; VR = 2.5 V; Tamb = 25 °C
[2]
-
0.5
-
%
ΔCd/Cd
diode capacitance
matching
f = 1 MHz; VR = -2.5 V; Tamb = 25 °C
[2]
-
0.5
-
%
VCL
clamping voltage
IPPM = 1 A; tp = 8/20 µs; Tamb = 25 °C
[3] [1] -
33
44
V
Rdyn
dynamic resistance
IR = 10 A; Tamb = 25 °C
[4] [1] -
0.8
-
Ω
[1] Measured from pin 1 or 2 to pin 3.
[2] ∆Cd is the difference of the capacitance measured between pin 1 and pin 3 and the capacitance measured between pin 2 and pin 3.
[3] Device stressed with 8/20 μs exponential decay waveform according to IEC 61000-4-5.
[4] Non-repetitive current pulse, Transmission Line Pulse (TLP); square pulse; ANSI / ESD STM5.5.1-2008
006aaa676
-VCL -VBR -VRWM
VCL
VBR
VRWM
-IRM
IRM
-IR
IR
-IPP
IPP
-
+
Fig. 3. V-I characteristics for a bidirectional ESD
protection diode
VR (V)
-30
30
10
-10
aaa-031307
7
Cd
(pF)
0
1
2
3
4
5
6
f = 1 MHz; Tamb = 25 °C
Fig. 4. Diode capacitance as a function of reverse
voltage; typical values
PESD2CANFD27VT-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
12 April 2023
4 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com