công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5DS32M8AT bảng dữ liệu(PDF) 16 Page - List of Unclassifed Manufacturers

tên linh kiện NT5DS32M8AT
Giải thích chi tiết về linh kiện  256Mb Double Data Rate SDRAM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

NT5DS32M8AT bảng dữ liệu(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button NT5DS32M8AT Datasheet HTML 12Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 13Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 14Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 15Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 16Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 17Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 18Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 19Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
NT5DS64M4AT NT5DS64M4AW
NT5DS32M8AT NT5DS32M8AW
256Mb Double Data Rate SDRAM
REV 1.1
12/2001
16
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Deselect
The Deselect function prevents new commands from being executed by the DDR SDRAM. The DDR SDRAM is
effectively deselected. Operations already in progress are not affected.
No Operation (NOP)
The No Operation (NOP) command is used to perform a NOP to a DDR SDRAM. This prevents unwanted commands from
being registered during idle or wait states. Operations already in progress are not affected.
Mode Register Set
The mode registers are loaded via inputs A0-A12, BA0 and BA1 while issuing the Mode Register Set Command. See mode reg-
ister descriptions in the Register Definition section. The Mode Register Set command can only be issued when all banks are idle
and no bursts are in progress. A subsequent executable command cannot be issued until tMRD is met.
Active
The Active command is used to open (or activate) a row in a particular bank for a subsequent access. The value on the BA0,
BA1 inputs selects the bank, and the address provided on inputs A0-A12 selects the row. This row remains active (or open) for
accesses until a Precharge (or Read or Write with Auto Precharge) is issued to that bank. A Precharge (or Read or Write with
Auto Precharge) command must be issued and completed before opening a different row in the same bank.
Read
The Read command is used to initiate a burst read access to an active (open) row. The value on the BA0, BA1 inputs selects
the bank, and the address provided on inputs A0-Ai, Aj (where [i = 9, j = don’t care] for x8; where [i = 9, j = 11] for x4) selects the
starting column location. The value on input A10 determines whether or not Auto Precharge is used. If Auto Precharge is
selected, the row being accessed is precharged at the end of the Read burst; if Auto Precharge is not selected, the row remains
open for subsequent accesses.
Write
The Write command is used to initiate a burst write access to an active (open) row. The value on the BA0, BA1 inputs selects
the bank, and the address provided on inputs A0-Ai, Aj (where [i = 9, j = don’t care] for x8; where [i = 9, j = 11] for x4) selects the
starting column location. The value on input A10 determines whether or not Auto Precharge is used. If Auto Precharge is
selected, the row being accessed is precharged at the end of the Write burst; if Auto Precharge is not selected, the row remains
open for subsequent accesses. Input data appearing on the DQs is written to the memory array subject to the DM input logic
level appearing coincident with the data. If a given DM signal is registered low, the corresponding data is written to memory; if
the DM signal is registered high, the corresponding data inputs are ignored, and a Write is not executed to that byte/column
location.
Precharge
The Precharge command is used to deactivate (close) the open row in a particular bank or the open row(s) in all banks. The
bank(s) will be available for a subsequent row access a specified time (tRP) after the Precharge command is issued. Input A10
determines whether one or all banks are to be precharged, and in the case where only one bank is to be precharged, inputs
BA0, BA1 select the bank. Otherwise BA0, BA1 are treated as “Don’t Care.” Once a bank has been precharged, it is in the idle
state and must be activated prior to any Read or Write commands being issued to that bank. A precharge command is treated
as a NOP if there is no open row in that bank, or if the previously open row is already in the process of precharging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com