công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD78P058F bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện UPD78P058F
Giải thích chi tiết về linh kiện  MOS INTEGRATED CIRCUIT
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P058F bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  UPD78P058F Datasheet HTML 1Page - Renesas Technology Corp UPD78P058F Datasheet HTML 2Page - Renesas Technology Corp UPD78P058F Datasheet HTML 3Page - Renesas Technology Corp UPD78P058F Datasheet HTML 4Page - Renesas Technology Corp UPD78P058F Datasheet HTML 5Page - Renesas Technology Corp UPD78P058F Datasheet HTML 6Page - Renesas Technology Corp UPD78P058F Datasheet HTML 7Page - Renesas Technology Corp UPD78P058F Datasheet HTML 8Page - Renesas Technology Corp UPD78P058F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
©
1996
DATA SHEET
DESCRIPTION
The
µPD78P058F is an Electro Magnetic Interference (EMI) noise reduction version of the µPD78P058.
The
µPD78P058F is a member of the µPD78058F Subseries of the 78K/0 Series, in which the on-chip mask ROM
of the
µPD78058F is replaced with one-time programmable (OTP) ROM.
Because this device can be programmed by users, it is suited for applications involving the small-scale production
of many different products, and for rapid development and time-to-market of new products.
Details are given in the following User’s Manuals. Be sure to read them before starting design.
µPD78058F, 78058FY Subseries User’s Manual : U12068E
78K/0 Series User’s Manual Instructions
: U12326E
FEATURES
• EMI noise reduction version (overall peak level reduced by 5 to 10 dB)
• Pin compatible with mask ROM versions (except the VPP pin)
• Internal PROM : 60 KbytesNote 1
Programmable once only (ideal for small-scale production)
• Internal high-speed RAM : 1024 bytes
• Internal expansion RAM : 1024 bytesNote 2
• Buffer RAM : 32 bytes
• Operable in the same supply voltage range as mask ROM versions (VDD = 2.7 to 6.0 V)
• One of the QTOPTM Microcontrollers
Notes
1. The internal PROM capacity can be changed with the memory size switching register (IMS).
2. The internal expansion RAM capacity can be changed with the internal expansion RAM size switching
register (IXS).
Remarks 1. For the difference between PROM and mask ROM versions, see 1. DIFFERENCES BETWEEN
µPD78P058F AND MASK ROM VERSIONS.
2. QTOP Microcontroller is the general name of the microcontrollers with on-chip one-time PROM that are
totally supported by the NEC writing service (from writing to marking, screening and testing).
µPD78P058F
MOS INTEGRATED CIRCUIT
The information in this document is subject to change without notice.
The mark
shows major revised points.
8-BIT SINGLE-CHIP MICROCONTROLLER
Document No. U11796EJ2V0DS00 (2nd edition)
Date Published September 1997 N
Printed in Japan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com