| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD75P3036 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD75P3036 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 67 page ![]() 11 Data Sheet U11575EJ1V1DS µPD75P3036 3.2 Non-port Pins (2/2) Pin name I/O Alternate Function Status I/O circuit function after reset type S12 to S23 Output — Segment signal output Note 1 G-A S24 to S31 Output BP0 to BP7 Segment signal output Note 1 H-A COM0 to COM3 Output — Common signal output Note 1 G-B VLC0 to VLC2 —— Power source for LCD driver — — BIAS Output — Output for external split resistor cut High — impedance LCDCLNote 2 Output P30/MD0 Clock output for driving external expansion driver Input E-B SYNCNote 2 Output P31/MD1 Clock output for synchronization of external expansion driver Input E-B AN0 to AN5 Input — Analog signal input for A/D converter Input Y AN6 P82 Y-B AN7 P83 AVREF —— A/D converter reference voltage — Z-N AVSS —— A/D converter reference GND potential — Z-N Notes 1. The VLCX (X = 0, 1, 2) shown below are selected as the input source for the display outputs. S12 to S31: VLC1, COM0 to COM2: VLC2, COM3: VLC0 2. These pins are provided for future system expansion. Currently, only P30 and P31 are used. |