| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD75P0116CU bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD75P0116CU bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 63 page ![]() µPD75P0116 11 Data Sheet U12603EJ1V1DS Input mode : individually connect to VSS or VDD via resistor Output mode : open 3.4 Handling of Unused Pins Table 3-1. Handling of Unused Pins Pin Recommended connection P00/INT4 Connect to VSS or VDD P01/SCK Individually connect to VSS or VDD via resistor P02/SO/SB0 P03/SI/SB1 Connect to VSS P10/INT0-P12/INT2 Connect to VSS or VDD P13/TI0 P20/PTO0 P21/PTO1 P22/PCL P23/BUZ P30/MD0-P33/MD3 P40/D0-P43/D3 Connect to VSS P50/D4-P53/D7 P60/KR0-P63/KR3 P70/KR4-P73/KR7 P80, P81 XT1Note Connect to VSS or VDD XT2Note Open VPP Make sure to connect directly to VDD Note When the subsystem clock is not used, set SOS. 0 to 1 (not to use the internal feedback resistor). Input mode : individually connect to VSS or VDD via resistor Output mode : open |