| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD75P0076 bảng dữ liệu(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD75P0076 bảng dữ liệu(HTML) 14 Page - Renesas Technology Corp |
|
14 / 64 page ![]() µPD75P0076 12 Data Sheet U10232EJ1V1DS 3.4 Handling of Unused Pins Pin Recommended connection P00/INT4 Connect to VSS or VDD P01/SCK Independently connect to VSS or VDD through P02/SO/SB0 resistor P03/SI/SB1 Connected to VSS P10/INT0, P11/INT1 Connect to VSS or VDD P12/TI1/INT2 P13/TI0 P20/PTO0 Input mode : independently connected to VSS P21/PTO1 or VDD through resistor P22/PCL Output mode : open P23/BUZ P30/MD0 to P33/MD3 P40/D0 to P43/D3 Connected to VSS P50/D4 to P53/D7 P60/KR0/AN4 to P63/KR3/AN7 Input mode : independently connected to VSS or VDD through resistor Output mode : open P110/AN0 to P113/AN3 Connected to VSS or VDD XT1Note Connect to VSS or VDD XT2Note Open VPP Make sure to connect directly to VDD AVREF Connect to VSS AVSS Note When the subsystem clock is not used, set SOS.0 = 1 (on-chip feedback resistor is not used). |