| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD75P0076 bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD75P0076 bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp |
|
10 / 64 page ![]() µPD75P0076 8 Data Sheet U10232EJ1V1DS 3.2 Non-port Pins (2/2) Pin name I/O Alternate function Function After Circuit reset type MD0 to MD3 I P30 to 33 Mode selection for program memory (PROM) Input E-B write/verify. D0 to D3 I/O P40 to 43 Data bus pin for program memory (PROM) write/verify. Input M-E D4 to D7 P50 to 53 VPPNote —— Programmable voltage supply in program memory — — (PROM) write/verify mode. In normal operation mode, connect directly to VDD. Apply +12.5 V in PROM write/verify mode. VDD —— Positive power supply — — VSS —— Ground — — Note During normal operation, the VPP pin will not operate normally unless connected to VDD pin. |