công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IP4359CX4 bảng dữ liệu(PDF) 2 Page - Nexperia B.V. All rights reserved

tên linh kiện IP4359CX4
Giải thích chi tiết về linh kiện  Dual channel low capacitance high performance ESD protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4359CX4 bảng dữ liệu(HTML) 2 Page - Nexperia B.V. All rights reserved

  IP4359CX4 Datasheet HTML 1Page - Nexperia B.V. All rights reserved IP4359CX4 Datasheet HTML 2Page - Nexperia B.V. All rights reserved IP4359CX4 Datasheet HTML 3Page - Nexperia B.V. All rights reserved IP4359CX4 Datasheet HTML 4Page - Nexperia B.V. All rights reserved IP4359CX4 Datasheet HTML 5Page - Nexperia B.V. All rights reserved IP4359CX4 Datasheet HTML 6Page - Nexperia B.V. All rights reserved IP4359CX4 Datasheet HTML 7Page - Nexperia B.V. All rights reserved IP4359CX4 Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP4359CX4 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1.
Product profile
1.1 General description
The IP4359CX4 is a dual channel low capacitance ElectroStatic Discharge (ESD)
protection device, providing protection to downstream components from ESD voltages as
high as
±15 kV contact discharge and > ±15 kV air discharge according the
IEC 61000-4-2 model, far exceeding standard level 4.
The device is optimized for protection of high speed interfaces such as Universal Serial
Bus (USB) 2.0, High Definition Multimedia Interface (HDMI), Digital Visual Interface (DVI)
and other interfaces requiring very low capacitance ESD protection.
The device is available in two different heights. 0.61 mm and reduced maximum height of
0.5 mm. Both versions contain identical circuits and show an identical electrical
performance. Both ESD protection channels share common ground connections, but are
electrically separated, thereby preventing current back drive into the adjacent channel.
IP4359CX4 is fabricated using monolithic silicon technology in a single Wafer-Level
Chip-Scale Package (WLCSP). These features make the IP4359CX4 ideal for use in
applications requiring component miniaturization such as mobile phone handsets and
other portable electronic devices.
1.2 Features and benefits
Pb-free, RoHS compliant and free of halogen and antimony (Dark Green compliant)
2 ultra low input capacity rail-to-rail ESD protection diodes with C(I/O-GND) = 1.3 pF
Rdyn = 0.45 Ω
Integrated ESD protection withstanding
±15 kV contact discharge and > ±15 kV air
discharge, far exceeding IEC 61000-4-2 level 4
Standard height version (0.61 mm) available as IP4359CX4/LF
Reduced height version (maximum height of 0.5 mm) available as
IP4359CX4/LF-H500
2
× 2 solder ball WLCSP with 0.4 mm pitch
1.3 Applications
High-speed interface ESD protection such as USB 2.0, HDMI, DVI etc.
Interfaces with special requirements on low capacitive ESD protection
Interfaces requiring separation of the positive clamping voltage/current path
IP4359CX4
Dual channel low capacitance high performance ESD
protection
Rev. 1 — 6 August 2010
Product data sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com