công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IP4359CX4 bảng dữ liệu(PDF) 4 Page - Nexperia B.V. All rights reserved

tên linh kiện IP4359CX4
Giải thích chi tiết về linh kiện  Dual channel low capacitance high performance ESD protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4359CX4 bảng dữ liệu(HTML) 4 Page - Nexperia B.V. All rights reserved

  IP4359CX4 Datasheet HTML 1Page - Nexperia B.V. All rights reserved IP4359CX4 Datasheet HTML 2Page - Nexperia B.V. All rights reserved IP4359CX4 Datasheet HTML 3Page - Nexperia B.V. All rights reserved IP4359CX4 Datasheet HTML 4Page - Nexperia B.V. All rights reserved IP4359CX4 Datasheet HTML 5Page - Nexperia B.V. All rights reserved IP4359CX4 Datasheet HTML 6Page - Nexperia B.V. All rights reserved IP4359CX4 Datasheet HTML 7Page - Nexperia B.V. All rights reserved IP4359CX4 Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP4359CX4 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
IP4359CX4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 6 August 2010
3 of 12
NXP Semiconductors
IP4359CX4
Dual channel low capacitance ESD protection
4.
Limiting values
[1]
Device is qualified with 1000 pulses of
±15 kV contact discharges each, according to the IEC61000-4-2
model and far exceeds the specified level 4 (8 kV contact discharge).
5.
Characteristics
[1]
Guaranteed by design.
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
pins A1 and A2 to ground (B1, B2)
−0.5 +5.5 V
VESD
electrostatic discharge
voltage
pins A1 and A2 to ground (B1, B2)
contact discharge
[1]
−15 +15
kV
air discharge
[1]
−20 +20
kV
IEC 61000-4-2 level 4;
pins A1 and A2 to ground (B1, B2)
contact discharge
−8
+8
kV
air discharge
−15 +15
kV
Tstg
storage temperature
−55 +150 °C
Treflow(peak) peak reflow temperature 10 s maximum
-
260
°C
Tamb
ambient temperature
−35 +85
°C
Table 4.
Electrical characteristics
Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
C(I/O-GND)
input/output to ground
capacitance
pins A1 and A2 to ground (B1,
B2); VI = 3.3 V; f = 1 MHz
[1] -
1.3
1.5
pF
ILR
reverse leakage current
pins A1 and A2 to ground (B1,
B2); VI = 3.3 V
-
-
100
nA
VBRzd
Zener diode breakdown
voltage
Itest = 1 mA
6
-
9
V
VF
forward voltage
-
0.7
-
V
Rdyn
dynamic resistance
Itest = 1 A; IEC 61000-4-5
positive discharge
-
0.45 -
Ω
negative discharge
-
0.45 -
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com