| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD6P9 bảng dữ liệu(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD6P9 bảng dữ liệu(HTML) 14 Page - Renesas Technology Corp |
|
14 / 45 page ![]() 12 µPD6P9 Data Sheet U15144EJ1V1DS 3.4 Program Memory (One-Time PROM): 4,074 Steps × 10 Bits The one-time PROM consists of 10 bits per step, and is addressed by the program counter. The program memory stores programs and table data, etc. The 22 steps from FEAH to FFFH cannot be used in the test program area. Figure 3-3. Program Memory Map Note The unmounted area and test program area are designed so that a program or data placed in either of them by mistake is returned to the 000H address. 0 7 8 F F F Test program areaNote Page 0 10 bits 3 4 B C Page 1 Page 2 Page 3 H H H H H H H H H H 0 F 0 9 A F F 0 F 0 0 F 0 E E F F 0 F 0 |