| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD6P9 bảng dữ liệu(PDF) 40 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD6P9 bảng dữ liệu(HTML) 40 Page - Renesas Technology Corp |
|
40 / 45 page ![]() 38 µPD6P9 Data Sheet U15144EJ1V1DS APPENDIX A. DEVELOPMENT TOOLS A PROM programmer, program adapter, and an emulator are provided for the µPD6P9. Hardware • PROM programmer (AF-9706Note, AF-9708Note, AF-9709Note) These PROM programmers support the µPD6P9. By connecting a program adapter to this PROM programmer, the µPD6P9 can be programmed. Note These are products of Ando Electric Co., Ltd. For details, consult Ando Electric Co., Ltd. (TEL: +81-3-3733-1163). • Program adapter (PA-61P34BMC) This is used to program the µPD6P9 in combination with the AF-9706, AF-9708, or AF-9709. • Emulator (EB-69Note 1, EB-69ANote 1, 2) This is used to emulate the µPD6P9. Use the EB-69 for the µPD6P9M1, and the EB-69A for the µPD6P9M3. Notes 1. These are products of Naito Densei Machida Mfg. Co., Ltd. For details, contact Naito Densei Machida Mfg. Co., Ltd. (+81-45-475-4191). 2. Under development Software • Assembler (AS6133 Ver. 2.22 or later) This is a development tool for remote control transmitter software. Part Number List of AS6133 Host Machine OS Supply Medium Part Number PC-9800 series MS-DOSTM (Ver. 5.0 to Ver. 6.2) 3.5-inch 2HD µS5A13AS6133 (CPU: 80386 or later) IBM PC/ATTM compatible MS-DOS (Ver. 6.0 to Ver. 6.22) 3.5-inch 2HC µS7B13AS6133 PC DOSTM (Ver. 6.1 to Ver. 6.3) Caution Although Ver.5.0 or later has a task swap function, this function cannot be used with this software. |