| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GWIXC1100BBT bảng dữ liệu(PDF) 7 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
GWIXC1100BBT bảng dữ liệu(HTML) 7 Page - Intel Corporation |
|
7 / 134 page ![]() Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor Datasheet March 2005 Document Number: 252479, Revision: 005 7 48 MII Output Timings Values ......................................................................................................... 98 49 MII Input Timings Values ............................................................................................................ 98 50 MDIO Timings Values................................................................................................................. 99 51 SDRAM Input Timings Values .................................................................................................. 100 52 SDRAM Output Timings Values ............................................................................................... 100 53 Signal Timing With Respect to Clock Rising Edge ................................................................... 101 54 Intel® Multiplexed Mode Values................................................................................................ 104 55 Intel Simplex Mode Values ....................................................................................................... 106 56 Motorola* Multiplexed Mode Values ......................................................................................... 109 57 Motorola* Simplex Mode Values............................................................................................... 112 58 HPI Timing Symbol Description ................................................................................................115 59 HPI-8 Mode Write Access Values............................................................................................. 115 60 HPI-16 Multiplexed Write Accesses Values.............................................................................. 117 61 HPI-16 Multiplexed Read Accesses Values ............................................................................. 119 62 HPI-16 Simplex Read Accesses Values................................................................................... 121 63 HPI-16 Simplex Write Accesses Values ................................................................................... 123 64 High-Speed, Serial Timing Values............................................................................................126 65 Boundary-Scan Interface Timings Values ................................................................................ 127 66 Reset Timings Table Parameters ............................................................................................. 129 67 ICC and Total Average Power – Commercial Temperature Range...........................................131 68 ICC and Total Average Power – Extended Temperature Range...............................................132 |