công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC2G125GS bảng dữ liệu(PDF) 2 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC2G125GS
Giải thích chi tiết về linh kiện  Dual bus buffer/line driver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G125GS bảng dữ liệu(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC2G125GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G125GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G125GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G125GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G125GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G125GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G125GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G125GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G125GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Nexperia
74LVC2G125
Dual bus buffer/line driver; 3-state
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC2G125DP
-40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74LVC2G125DC
-40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74LVC2G125GT
-40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1 × 1.95 × 0.5 mm
SOT833-1
74LVC2G125GF
-40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35 × 1 × 0.5 mm
SOT1089
74LVC2G125GN -40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.2 × 1.0 × 0.35 mm
SOT1116
74LVC2G125GS
-40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35 × 1.0 × 0.35 mm
SOT1203
4. Marking
Table 2. Marking codes
Type number
Marking code [1]
74LVC2G125DP
V25
74LVC2G125DC
V25
74LVC2G125GT
V25
74LVC2G125GF
VM
74LVC2G125GN
VM
74LVC2G125GS
VM
[1] The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5. Functional diagram
mna941
2A
1A
2OE
1OE
1Y
2Y
74LVC2G125
Fig. 1. Logic symbol
001aae009
1
2
EN1
EN2
74LVC2G125
Fig. 2. IEC logic symbol
74LVC2G125
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 17 — 26 July 2021
2 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com