công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC10AD bảng dữ liệu(PDF) 5 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC10AD
Giải thích chi tiết về linh kiện  Triple 3-input NAND gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC10AD bảng dữ liệu(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC10AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC10AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC10AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC10AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC10AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC10AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC10AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC10AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC10AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
74LVC10A
Triple 3-input NAND gate
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 7.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Min
Max
Unit
nA, nB, nC to nY; see Fig. 6
[2]
VCC = 1.2 V
-
13
-
-
-
ns
VCC = 1.65 V to 1.95 V
0.5
4.5
11.2
0.5
12.9
ns
VCC = 2.3 V to 2.7 V
1.0
2.7
6.3
1.0
7.4
ns
VCC = 2.7 V
1.5
2.8
6.7
1.5
7.8
ns
tpd
propagation delay
VCC = 3.0 V to 3.6 V
1.5
2.4
5.7
1.5
6.6
ns
per gate; VI = GND to VCC
[3]
VCC = 1.65 V to 1.95 V
-
2.9
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
6.0
-
-
-
pF
CPD
power dissipation
capacitance
VCC = 3.0 V to 3.6 V
-
8.8
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V, and 3.3 V respectively.
[2] tpd is the same as tPLH and tPHL.
[3] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD x VCC 2 x fi x N + Σ(CL x VCC 2 x fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(CL x VCC 2 x fo) = sum of the outputs
74LVC10A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 15 April 2021
5 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com