công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FWIXEEAD0SE001 bảng dữ liệu(PDF) 89 Page - Intel Corporation

tên linh kiện FWIXEEAD0SE001
Giải thích chi tiết về linh kiện  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

FWIXEEAD0SE001 bảng dữ liệu(HTML) 89 Page - Intel Corporation

Back Button FWIXEEAD0SE001 Datasheet HTML 85Page - Intel Corporation FWIXEEAD0SE001 Datasheet HTML 86Page - Intel Corporation FWIXEEAD0SE001 Datasheet HTML 87Page - Intel Corporation FWIXEEAD0SE001 Datasheet HTML 88Page - Intel Corporation FWIXEEAD0SE001 Datasheet HTML 89Page - Intel Corporation FWIXEEAD0SE001 Datasheet HTML 90Page - Intel Corporation FWIXEEAD0SE001 Datasheet HTML 91Page - Intel Corporation FWIXEEAD0SE001 Datasheet HTML 92Page - Intel Corporation FWIXEEAD0SE001 Datasheet HTML 93Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 226 page
background image
LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
Datasheet
91
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
L4,
M2,
M3,
N1,
N2
88
89
90
91
92
ADD_4
ADD_3
ADD_2
ADD_1
ADD_0
I, ST, ID
Address <4:0>.
Sets base address. Each port adds its port number
(starting with 0) to this address to determine its PHY
address.
Port 0 Address = Base
Port 1 Address = Base + 1
Port 2 Address = Base + 2
Port 3 Address = Base + 3
Port 4 Address = Base + 4
Port 5 Address = Base + 5
Port 6 Address = Base + 6
Port 7 Address = Base + 7
L17,
L16
178
177
MODESEL_1
MODESEL_0
I, ST, ID
Mode Select[1:0].
00 = RMII
01 = SMII
10 = SS-SMII
11 = Reserved
All ports are configured the same. Interfaces cannot be
mixed and must be all RMII, SMII, or SS-SMII.
L15
176
SECTION
I, ST, ID
Sectionalization Select.
This pin selects sectionalization into separate ports.
0 = 1x8 ports,
1 = 2x4 ports
K1
83
AMDIX_EN
I, ST, IP
Auto MDI/MDIX Enable Default.
This pin is read at startup or reset. Its value at that time
is used to set the default state of Register bit 27.9 for
all ports. These register bits can be read and
overwritten after startup / reset. Refer to Table 40
“Intel® LXT9785/LXT9785E MDIX Selection” on
page 119.
When active (High), automatic MDI crossover (MDIX)
(regardless of segmentation) is selected for all ports.
When inactive (Low) MDIX is selected according to the
MDIX pin.
Table 32. Intel® LXT9785/LXT9785E Miscellaneous Signal Descriptions – BGA23 (Sheet 2 of 4)
Ball/Pin
Designation
Symbol
Type1
Signal Description2
BGA23
PQFP
1. Type Column Coding: I = Input, O = Output, OD = Open Drain Output, ST = Schmitt Triggered Input, TS =
Three-State-able Output, SL = Slew-rate Limited Output, IP = Weak Internal Pull-Up, ID = Weak Internal
Pull-Down.
2. The IP/ID resistors are disabled during hardware power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com