công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FWIXEEAD0SE001 bảng dữ liệu(PDF) 82 Page - Intel Corporation

tên linh kiện FWIXEEAD0SE001
Giải thích chi tiết về linh kiện  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

FWIXEEAD0SE001 bảng dữ liệu(HTML) 82 Page - Intel Corporation

Back Button FWIXEEAD0SE001 Datasheet HTML 78Page - Intel Corporation FWIXEEAD0SE001 Datasheet HTML 79Page - Intel Corporation FWIXEEAD0SE001 Datasheet HTML 80Page - Intel Corporation FWIXEEAD0SE001 Datasheet HTML 81Page - Intel Corporation FWIXEEAD0SE001 Datasheet HTML 82Page - Intel Corporation FWIXEEAD0SE001 Datasheet HTML 83Page - Intel Corporation FWIXEEAD0SE001 Datasheet HTML 84Page - Intel Corporation FWIXEEAD0SE001 Datasheet HTML 85Page - Intel Corporation FWIXEEAD0SE001 Datasheet HTML 86Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 226 page
background image
LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
84
Datasheet
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
C15,
B17
206
205
RxData6_0
RxData6_1
O, TS
O, TS, ID
Receive Data - Port 6.
Receive data signals (2-bit parallel di-bits) are driven
synchronously to REFCLK.
E16,
F14
198
197
RxData7_0
RxData7_1
O, TS
O, TS, ID
Receive Data - Port 7.
Receive data signals (2-bit parallel di-bits) are driven
synchronously to REFCLK.
E4,
C4,
A5,
B8,
B12,
D12,
B16,
E15
58
49
39
31
17
10
1
200
CRS_DV0
CRS_DV1
CRS_DV2
CRS_DV3
CRS_DV4
CRS_DV5
CRS_DV6
CRS_DV7
O, TS, SL,
ID
Carrier Sense/Receive Data Valid - Ports 0-7.
On detection of valid carrier, these signals are
asserted asynchronously with respect to REFCLK.
CRS_DVn is de-asserted on loss of carrier,
synchronous to REFCLK.
D2,
D5,
D7,
C8,
A12,
A15,
A17,
D17
59
50
40
32
20
11
2
201
RxER0
RxER1
RxER2
RxER3
RxER4
RxER5
RxER6
RxER7
O, TS, SL,
ID, I, ST
Receive Error - Ports 0-7.
These signals are synchronous to the respective
REFCLK. Active High indicates that received code
group is invalid, or that PLL is not locked.
The RxER signals have the following additional
function pins:
RxER0 (MDIX)
RxER1 (PAUSE)
RxER2 (PREASEL)
RxER4 (FIFOSEL0)
RxER5 (FIFOSEL1)
RxER6 {LINKHOLD)
Table 24. Intel® LXT9785/LXT9785E RMII Signal Descriptions – BGA23 (Sheet 3 of 3)
Ball/Pin
Designation
Symbol
Type1
Signal Description2,3
BGA23
PQFP
1. Type Column Coding: I = Input, O = Output, OD = Open Drain output, ST = Schmitt Triggered input, TS =
Three-State-able output, SL = Slew-rate Limited output, IP = weak Internal Pull-up, ID = weak Internal pull-
Down.
2. The IP/ID resistors are disabled during H/W Power-Down mode. If a Pin is an output or an I/O, the IP/ID
resistors are also disabled when the output is enabled.
3. RxData[0:7]_0, RxData[0:7]_1, CRS_DV[0:7] and RxER[0:7] outputs are three-stated in Isolation and H/W
Power-Down modes and during H/W reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com