công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L8C201PC15 bảng dữ liệu(PDF) 14 Page - LOGIC Devices Incorporated

tên linh kiện L8C201PC15
Giải thích chi tiết về linh kiện  512/1K/2K/4K x 9-bit Asynchronous FIFO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LODEV [LOGIC Devices Incorporated]
Trang chủ  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L8C201PC15 bảng dữ liệu(HTML) 14 Page - LOGIC Devices Incorporated

Back Button L8C201PC15 Datasheet HTML 10Page - LOGIC Devices Incorporated L8C201PC15 Datasheet HTML 11Page - LOGIC Devices Incorporated L8C201PC15 Datasheet HTML 12Page - LOGIC Devices Incorporated L8C201PC15 Datasheet HTML 13Page - LOGIC Devices Incorporated L8C201PC15 Datasheet HTML 14Page - LOGIC Devices Incorporated L8C201PC15 Datasheet HTML 15Page - LOGIC Devices Incorporated L8C201PC15 Datasheet HTML 16Page - LOGIC Devices Incorporated L8C201PC15 Datasheet HTML 17Page - LOGIC Devices Incorporated L8C201PC15 Datasheet HTML 18Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
DEVICES INCORPORATED
L8C201/202/203/204
512/1K/2K/4K x 9-bit Asynchronous FIFO
14
FIFO Products
03/04/99–LDS.8C201/2/3/4-H
NOTES
+5 V
OUTPUT
R1 480
Ω
30 pF
R2
255
Ω
INCLUDING
JIG AND
SCOPE
FIGURE 2a.
<3 ns
GND
+3.0 V
90%
10%
90%
10%
<3 ns
FIGURE 3.
+5 V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
R1 480
Ω
R2
255
Ω
FIGURE 2b.
1. Maximum Ratings indicate stress specifi-
cations only. Functional operation of these
products at values beyond those indicated
in the Operating Conditions table is not
implied. Exposure to maximum rating con-
ditions for extended periods may affect re-
liability of the tested device.
2. The products described by this specifica-
tion include internal circuitry designed to
protect the chip from damaging substrate
injection currents and accumulations of
static charge. Nevertheless, conventional
precautions should be observed during
storage, handling, and use of these circuits
in order to avoid exposure to excessive elec-
trical stress values.
3. This product provides hard clamping of
transient undershoot. Input levels below
ground will be clamped beginning at –0.6 V.
A current in excess of 100 mA is required to
reach –2 V. The device can withstand in-
definite operation with inputs as low as –3 V
subject only to power dissipation and bond
wire fusing constraints.
4. “Typical” supply current values are not
shown but may be approximated. At a VCC
of +5.0 V, an ambient temperature of +25°C
and with nominal manufacturing parame-
ters, the operating supply currents will be
approximately 3/4 or less of the maximum
values shown.
5. Tested with outputs open and data in-
puts changing at the specified read and
write cycle rate. The device is neither full or
empty for the test.
6. Tested with outputs open in the worst
static input control signal combination (i.e.,
W, R, XI, FL, and RS).
7. These parameters are guaranteed but not
100% tested.
8. Test conditions assume input transition
times of 5 ns or less, reference levels of 1.5 V,
output loading for specified IOL and IOH
plus 30 pF (Fig. 2a), and input pulse levels of
0 to 3.0 V (Fig. 3).
9. Each parameter is shown as a minimum
or maximum value. Input requirements are
specified from the point of view of the exter-
nal system driving the chip. For example,
tRLRH
is specified as a minimum since the
external system must supply at least that
much time to meet the worst-case require-
ments of all parts. Responses from the inter-
nal circuitry are specified from the point of
view of the device. Access time, for ex-
ample, is specified as a maximum since
worst-case operation of any device always
provides data within that time.
10. When cascading devices, the reset pulse
width must be increased to equal tSLSH +
tSLHH
.
11. It is not recommended that Logic De-
vices and other vendor parts be cascaded
together. The parts are designed to be pin-
for-pin compatible but temperature and
voltage compensation may vary from ven-
dor to vendor. Logic Devices can only guar-
antee the cascading of Logic Devices parts to
other Logic Devices parts.
12. Tested with output open and RS = FL
= XI = R = W = VCC.
13. At any given temperature and voltage
condition, output disable time is less than
output enable time for any given device.
14. Transition is measured ±200 mV from
steady state voltage with specified loading
in Fig. 2b. This parameter is sampled and
not 100% tested.
15. This product is a very high speed device
and care must be taken during testing in
order to realize valid test information. Inad-
equate attention to setups and procedures
can cause a good part to be rejected as faulty.
Long high-inductance leads that cause sup-
ply bounce must be avoided by bringing the
VCC
and ground planes directly up to the
contactor fingers. A 0.01 µF high frequency
capacitor is also required between VCC and
ground. To avoid signal reflections, proper
terminations must be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com