| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RT600 bảng dữ liệu(PDF) 65 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
RT600 bảng dữ liệu(HTML) 65 Page - NXP Semiconductors |
|
65 / 171 page ![]() RT600 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors B.V. 2023. All rights reserved. Product data sheet Rev. 2.1 — 7 July 2023 65 of 173 NXP Semiconductors RT600 Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4 Audio DSP CPUs 10.12.10 HiFi 4 memory map Table 15 provides a detailed memory map from the viewpoint of the HiFi 4. Table 15. HiFi 4 overview memory map Cacheablestart address [1] Cacheable end address [1] Non-cacheable start address [1] Non-cacheable end address [1] Function Size AHB port 0x0000 0000 0x0000 7FFF 0x2000 0000 0x2000 7FFF Shared RAM partition 0. 32 KB 2 [2] 0x0000 8000 0x0000 FFFF 0x2000 8000 0x2000 FFFF Shared RAM partition 1. 32 KB 0x0001 0000 0x0001 7FFF 0x2001 0000 0x2001 7FFF Shared RAM partition 2. 32 KB 3 [2] 0x0001 8000 0x0001 FFFF 0x2001 8000 0x2001 FFFF Shared RAM partition 3. 32 KB 0x0002 0000 0x0002 7FFF 0x2002 0000 0x2002 7FFF Shared RAM partition 4. 32 KB 4 [2] 0x0002 8000 0x0002 FFFF 0x2002 8000 0x2002 FFFF Shared RAM partition 5. 32 KB 0x0003 0000 0x0003 7FFF 0x2003 0000 0x2003 7FFF Shared RAM partition 6. 32 KB 0x0003 8000 0x0003 FFFF 0x2003 8000 0x2003 FFFF Shared RAM partition 7. 32 KB 0x0004 0000 0x0004 FFFF 0x2004 0000 0x2004 FFFF Shared RAM partition 8. 64 KB 5 [2] 0x0005 0000 0x0005 FFFF 0x2005 0000 0x2005 FFFF Shared RAM partition 9. 64 KB 0x0006 0000 0x0006 FFFF 0x2006 0000 0x2006 FFFF Shared RAM partition 10. 64 KB 0x0007 0000 0x0007 FFFF 0x2007 0000 0x2007 FFFF Shared RAM partition 11. 64 KB 0x0008 0000 0x0009 FFFF 0x2008 0000 0x2009 FFFF Shared RAM partition 12. 128 KB 6 [2] 0x000A 0000 0x000B FFFF 0x200A 0000 0x200B FFFF Shared RAM partition 13. 128 KB 0x000C 0000 0x000D FFFF 0x200C 0000 0x200D FFFF Shared RAM partition 14. 128 KB 0x000E 0000 0x000F FFFF 0x200E 0000 0x200F FFFF Shared RAM partition 15. 128 KB 0x0010 0000 0x0013 FFFF 0x2010 0000 0x2013 FFFF Shared RAM partition 16. 256 KB 7 [2] 0x0014 0000 0x0017 FFFF 0x2014 0000 0x2017 FFFF Shared RAM partition 17. 256 KB 0x0018 0000 0x001B FFFF 0x2018 0000 0x201B FFFF Shared RAM partition 18. 256 KB 0x001C 0000 0x001F FFFF 0x201C 0000 0x201F FFFF Shared RAM partition 19. 256 KB 0x0020 0000 0x0023 FFFF 0x2020 0000 0x2023 FFFF Shared RAM partition 20. 256 KB 8 [2] 0x0024 0000 0x0027 FFFF 0x2024 0000 0x2027 FFFF Shared RAM partition 21. 256 KB 0x0028 0000 0x002B FFFF 0x2028 0000 0x202B FFFF Shared RAM partition 22. 256 KB 0x002C 0000 0x002F FFFF 0x202C 0000 0x202F FFFF Shared RAM partition 23. 256 KB 0x0030 0000 0x0033 FFFF 0x2030 0000 0x2033 FFFF Shared RAM partition 24. 256 KB 9 [2] 0x0034 0000 0x0037 FFFF 0x2034 0000 0x2037 FFFF Shared RAM partition 25. 256 KB 0x0038 0000 0x003B FFFF 0x2038 0000 0x203B FFFF Shared RAM partition 26. 256 KB 0x003C 0000 0x003F FFFF 0x203C 0000 0x203F FFFF Shared RAM partition 27. 256 KB 0x0040 0000 0x0043 FFFF 0x2040 0000 0x2043 FFFF Shared RAM partition 28. 256 KB 10 [2] 0x0044 0000 0x0047 FFFF 0x2044 0000 0x2047 FFFF Shared RAM partition 29. 256 KB 0x2400 0000 0x2400 FFFF - - Data TCM - in 4 interleaved banks. 64 KB 11 [2] 0x2402 0000 0x2402 FFFF - - Instruction TCM (includes the default vector table) 64 KB - - 0x4000 0000 0x4001 FFFF AHB to APB bridge 0 128 KB 12 - - 0x4002 0000 0x4003 FFFF AHB to APB bridge 1 128 KB - - 0x4010 0000 0x4011 FFFF AHB peripherals [3] 128 KB 13 - - 0x4012 0000 0x4012 FFFF AHB peripherals [3] 64 KB 14 - - 0x4013 0000 0x4013 FFFF AHB peripherals 64 KB 15 |